Electronic Components Datasheet Search
  English  ▼

X  

AP6236 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP6236
Description  WiFiBluetooth 4.2 SIP Module Spec Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP6236 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP6236 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6236 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
11
12
WL_REG_ON
I
Internal regulators power enable/disable
13
WL_HOST_WAKE
O
WLAN to wake-up HOST
14
SDIO_DATA_2
I/O
SDIO data line 2
15
SDIO_DATA_3
I/O
SDIO data line 3
16
SDIO_DATA_CMD
I/O
SDIO command line
17
SDIO_DATA_CLK
I/O
SDIO clock line
18
SDIO_DATA_0
I/O
SDIO data line 0
19
SDIO_DATA_1
I/O
SDIO data line 1
20
GND
-
Ground connections
21
VIN_LDO_OUT
P
Internal Buck voltage generation pin
22
VDDIO
P
I/O Voltage supply input
23
VIN_LDO
P
Internal Buck voltage generation pin
24
LPO
I
External Low Power Clock input (32.768KHz)
25
PCM_OUT
O
PCM Data output
26
PCM_CLK
I/O
PCM clock
27
PCM_IN
I
PCM data input
28
PCM_SYNC
I/O
PCM sync signal
29
NC
-
Floating (Don’t connected to ground)
30
NC
-
Floating (Don’t connected to ground)
31
GND
-
Ground connections
32
NC
-
Floating (Don’t connected to ground)
33
GND
-
Ground connections
34
BT_RST_N
I
Low asserting reset for Bluetooth core
35
NC
-
Floating (Don’t connected to ground)
36
GND
-
Ground connections
37
NC
-
Floating (Don’t connected to ground)
38
NC
-
Floating (Don’t connected to ground)
39
GPIO2
I/O
WiFi Co-existence pin with LTE
40
GPIO1
I/O
WiFi Co-existence pin with LTE
41
UART_RTS_N
O
Bluetooth UART interface
42
UART_TXD
O
Bluetooth UART interface
43
UART_RXD
I
Bluetooth UART interface
44
UART_CTS_N
I
Bluetooth UART interface
45
TP1 (NC)
-
Floating (Don’t connected to ground)
46
TP2 (NC)
-
Floating (Don’t connected to ground)
47
TP3 (NC)
-
Floating (Don’t connected to ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com