Electronic Components Datasheet Search
  English  ▼

X  

SM4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SM4
Description  SM Solenoids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SM4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SM Solenoid - C&S Controls Ltd. 18/8/15
Page 4 of 5
2.3 SM Solenoids – AC Characteristics
A.C. Continuous Rating at 50Hz
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.VA
Inrush At
Max. Stroke
(cold)
Approx.
VA Closed
Max.
Volts
SM1
9.5
0.28
17
6.0
250
SM2
16.0
0.56
33
10.0
250
SM3
14.3
2.55
50
12.0
250
SM4
25.0
3.11
95
18.5
440
A.C. 50% Rating at 50Hz
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.VA
Inrush At
Max. Stroke
(cold)
Approx.
VA Closed
Max.
Volts
SM1
9.5
0.56
30
12.0
250
SM2
16.0
1.13
44
17.5
250
SM3
14.3
3.97
84
24.0
440
SM4
25.0
5.38
168
35.0
440
A.C. 25% Rating at 50Hz
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.VA
Inrush At
Max. Stroke
(cold)
Approx.
VA Closed
Max.
Volts
SM1
12.0
1.00
58
21
250
SM2
19.0
2.50
75
30
250
SM3
19.0
3.50
148
41
440
SM4
25.0
10.00
280
60
440
A.C. 10% Rating at 50Hz
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.VA
Inrush At
Max. Stroke
(cold)
Approx.
VA Closed
Max.
Volts
SM1
13.0
2.00
140
52
250
SM2
19.0
4.00
160
60
250
SM3
19.0
8.00
300
115
440
SM4
25.0
17.50
600
200
440
SM4
SM3
SM2
SM1
SM4
SM3
SM2
SM1
0
4
8
12
16
20
24
Stroke mm
0
4
8
12
16
20
24
Stroke mm
0
4
8
12
16
20
24
Stroke mm
0
4
8
12
16
20
24
Stroke mm
Force
(N) 40
30
20
10
SM4
Force
(N) 40
30
20
10
Force
(N) 40
30
20
10
SM3
Force
(N) 40
30
20
10
SM4
SM2
SM3
SM2
SM1
SM1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com