Electronic Components Datasheet Search
  English  ▼

X  

SM5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM5
Description  SM Solenoids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM Solenoid - C&S Controls Ltd. 18/8/15
Page 1 of 5
1.
D2600 Relay
C & S Controls Ltd.
22 Upland Road,
Bexleyheath,
Kent, DA7 4NR.
Tel:
Fax:
Email:
Web:
+44 (0)208 304 4882
+44 (0)208 301 1938
sales@candscontrolsltd.com
www.candscontrolsltd.com
TM
SM Solenoids
 A range of seven (7) stripped frame solenoids to suit a wide
range of push and pull applications.
 Wide choice of AC* or DC operating coils.
 Two (2) miniature solenoids for light high speed
applications.
 Five (5) robust general purpose solenoids.
 Thrust rod lengths to order.
 Suitable for intermittent duty where loads can be
significantly increased.
 RoSH compliant.
* SM00 & SM5 Solenoids are DC operation only.
1.
SM0/SM00 Miniature Solenoids
For light high speed pull or thrust applications, particularly suitable for intermittent duty where loads can be significantly increased.
Simple single hole fixing (see SM Outline Drawing). For standard and custom (special order) options available, contact sales e.g.
impregnation, thrust rod length, etc
.
1.1.
SM00 Solenoid
Short stroke miniature solenoid for use in confined spaces
(at up to 2000 cycles/minute). Coil voltages from 3V to 50V
DC continuous, or higher for intermittent duty with increased
pull/thrust (see performance data).
1.2.
Technical Data
Standard voltages (continuous rating): 12, 24, 50VDC
Mass 38g.
1.3.
SM00 Performance Data
1.3.1.
Nominal D.C. Power Consumption (cold)
Rating*
Watts
100%
2.75
50%
5.5
25%
11
10%
27.5
1.3.2.
SM00 Characteristics
100%
50%
25%
10%
6
3
4
2
2
1
0
10
8
4
Stroke (mm)
Force
(N)
D.C. characteristics for horizontal operation at working
temperature.


Similar Part No. - SM5

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5 Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM5 VANLONG-SM5 Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
SM5 ETC-SM5 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
logo
SOVICO corp.
SM5 SOVICO-SM5 Datasheet
434Kb / 2P
Powered Studio Monitor
2020.11
logo
Bourns Electronic Solut...
SM5 BOURNS-SM5 Datasheet
570Kb / 3P
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
REV. 09/25
More results

Similar Description - SM5

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
HIGH CURRENT SOLENOIDS
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
Optional version for starter solenoids
logo
SHINMEI ELECTRIC CO., L...
DF2024 SHINMEI-DF2024 Datasheet
41Kb / 2P
Flapper Type SOLENOIDS DF2024 Series
DL09 SHINMEI-DL09 Datasheet
75Kb / 3P
Self-Latching Solenoids ??Thin form type DL09 Series
DL0512S2 SHINMEI-DL0512S2 Datasheet
37Kb / 2P
Small Self-Latching Type Solenoids DL0512S2 Series
DP0712B SHINMEI-DP0712B Datasheet
50Kb / 2P
Pull-in Type Solenoids DP0712B Series
DP1015C SHINMEI-DP1015C Datasheet
52Kb / 2P
Pull-in Type SOLENOIDS DP1015C Series
DP1020C SHINMEI-DP1020C Datasheet
57Kb / 2P
Pull-in Type SOLENOIDS DP1020C Series
logo
Littelfuse
24080 LITTELFUSE-24080 Datasheet
740Kb / 2P
CONTINUOUS DUTY SOLENOIDS
2020 Rev: 121520-B
24512-03 LITTELFUSE-24512-03 Datasheet
553Kb / 2P
PLASTIC BODY SOLENOIDS
2020 Rev: 120820
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com