Electronic Components Datasheet Search
  English  ▼

X  

ZXTN2011Z Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTN2011Z
Description  100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN2011Z Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTN2011Z Datasheet HTML 1Page - Zetex Semiconductors ZXTN2011Z Datasheet HTML 2Page - Zetex Semiconductors ZXTN2011Z Datasheet HTML 3Page - Zetex Semiconductors ZXTN2011Z Datasheet HTML 4Page - Zetex Semiconductors ZXTN2011Z Datasheet HTML 5Page - Zetex Semiconductors ZXTN2011Z Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTN2011Z
SEMICO NDUC TORS
ISSUE 2 - MAY 2006
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector base breakdown voltage
BVCBO
200
235
V
IC = 100 A
Collector emitter breakdown voltage
BVCER
200
235
V
IC =1 A, RB
1k
Collector emitter breakdown voltage
BVCEO
100
115
V
IC =10mA*
Emitter base breakdown voltage
BVEBO
7
8.1
V
IE =100 A
Collector cut-off current
ICBO
50
0.5
nA
A
VCB = 150V
VCB = 150V, Tamb=100 C
Collector cut-off current
ICER
R
1k
100
0.5
nA
A
VCB = 150V
VCB = 150V, Tamb=100 C
Emitter cut-off current
IEBO
10
nA
VEB =6V
Collector-emitter saturation voltage
VCE(SAT)
20
45
85
155
30
60
115
195
mV
mV
mV
mV
IC =0.1A, IB=5mA*
IC =1A, IB = 100mA*
IC =2A, IB = 100mA*
IC =5A, IB = 500mA*
Base emitter saturation voltage
VBE(SAT)
1000
1100
mV
IC =5A, IB =500mA*
Base emitter turn on voltage
VBE(ON)
900
1000
mV
IC =5A, VCE =2V*
Static forward current transfer ratio
hFE
100
100
30
10
230
200
60
20
300
IC = 10mA, VCE =2V*
IC =2A, VCE =2V*
IC =5A, VCE =2V*
IC = 10A, VCE =2V*
Transition frequency
fT
130
MHz IC = 100mA, VCE =10V
f=50MHz
Output capacitance
COBO
26
pF
VCB =10V,f=1MHz*
Switching times
tON
tOFF
41
1010
ns
IC =1A, VCC = 10V,
IB1 =IB2 = 100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com