Electronic Components Datasheet Search
  English  ▼

X  

R06 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # R06
Description  Remote Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

R06 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  R06 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS R06 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Description
Value
Stop function (400-900MHz)
Cat. 3-PLd
Ingress Protection rating
IP65/NEMA4
Frequency band - ERP
433.050 to 434.040 MHz; ERP<1mW
434.040 to 434.790 MHz; ERP<10mW
869.700 to 870.000 MHz; ERP<5mW
902.000 to 928.000 MHz; ERP<1mW
Range Line of sight (guaranteed)
100m
AC power supply
48 - 230 Vac ±25% (Multivoltage) / 18-30 Vac (700mA)
DC power supply
8 - 36 Vdc (2A)
Antenna
Internal
Removable EEPROM
Internal
Signaling
External
STOP Outputs (400-900MHz)
1 (6A)
Start Relay
1 (6A)
Safety Relay
1 (6A)
ON/OFF outputs
6 (6A)
Proportional Outputs
N/A
CAN Bus Protocols
CANopen
ON/OFF inputs
Option
Analog inputs
Option
Response Time
100ms
Maximum Total output current
8A
Operating Temperature Range
-20 °C to 70 °C (-4 °F to 158 °F)
Storage Temperature Range (24h)
-25ºC to 75ºC (-13ºF to 167ºF)
Storage Temperature Range (long periods)
-25ºC to 55ºC (-13ºF to 131ºF)
Relative Humidity
max. 95% without condensation
Weight
640 grams
Dimensions (LxWxH mm)
151x129x61
Tether connection
N/A
Associated transmitters (400-900MHz)
Ikargo1, T70/1, T70/2, IK2
Options
Inputs
4 Digital or 1 Proportional input board
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | February 2022
AI299270579166en-000301



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com