Electronic Components Datasheet Search
  English  ▼

X  

R13F Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # R13F
Description  Remote Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

R13F Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  R13F Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS R13F Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Description
Value
Stop Function (400-900 MHz)
Cat. 3-PLd
Stop Function (2.4GHz)
Cat 4 - PLe
Ingress Protection rating
IP65/NEMA4
Frequency band - ERP
433.050 to 434.040 MHz; ERP<1mW
434.040 to 434.790 MHz; ERP<10mW
869.700 to 870.000 MHz; ERP<5mW
902.000 to 928.000 MHz; ERP<1mW
2405MHz to 2475MHz 20dBm/100mW
Range Line of sight (guaranteed)
100m
AC power supply
48 - 240 Vac / 18 - 30 Vac (700mA)
DC power supply
8 - 36 Vdc (2A)
Antenna
External
Removable EEPROM
External
Signaling
External
STOP Outputs (400-900MHz)
1 (6A)
STOP Outputs (2.4GHz)
2 (6A)
Start Output
1 (8A)
Safety Relay
1 (8A)
ON/OFF outputs
13 (8A)
Proportional outputs
Option
CAN Bus Protocols
CANopen
ON/OFF inputs
Option
Analog inputs (maximum)
Option
Maximum output current
8A
Response Time:
100ms
Operating Temperature Range
-20 °C to 70 °C (-4 °F to 158 °F)
Storage Temperature Range (24h)
-25ºC to 75ºC (-13ºF to 167ºF)
Storage Temperature Range (long periods)
-25ºC to 55ºC (-13ºF to 131ºF)
Relative Humidity
max. 95% without condensation
Weight
1350g
Dimensions (LxWxH mm)
245x160x80
Tether Connector
YES (M12 Connector)
Associated Transmitters (400-900 MHz)
Ikargo1, Ikargo2, T70/1, T70/2, T70/1 HALL, T70/2 HALL, IK2, IK3, IK4
Associated Transmitters (2.4 GHz)
Ikore, IkoreB, Ikompact, IK2, IK3, IK4
Options
CAN Bus Protocols
Profibus DP, Profinet
ON/OFF outputs
8 (8A)
Proportional Outputs
4 (PWM or Voltage)
Inputs
24 ON/OFF Inputs or 6 Analog Inputs
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | January 2022
AI299272869169en-000301



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com