Electronic Components Datasheet Search
  English  ▼

X  

PCF8578 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8578
Description  LCD row/column driver for dot matrix graphic displays
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8578 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8578 Datasheet HTML 36Page - NXP Semiconductors PCF8578 Datasheet HTML 37Page - NXP Semiconductors PCF8578 Datasheet HTML 38Page - NXP Semiconductors PCF8578 Datasheet HTML 39Page - NXP Semiconductors PCF8578 Datasheet HTML 40Page - NXP Semiconductors PCF8578 Datasheet HTML 41Page - NXP Semiconductors PCF8578 Datasheet HTML 42Page - NXP Semiconductors PCF8578 Datasheet HTML 43Page - NXP Semiconductors PCF8578 Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
1998 Sep 08
40
Philips Semiconductors
Product specification
LCD row/column driver for dot matrix
graphic displays
PCF8578
17 PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
0.3
0.1
3.0
2.8
0.25
0.42
0.30
0.22
0.14
21.65
21.35
11.1
11.0
0.75
15.8
15.2
1.45
1.30
0.90
0.55
7
0
o
o
0.1
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
1.6
1.4
SOT190-1
96-04-02
97-08-11
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
y
56
29
28
1
pin 1 index
0.012
0.004
0.12
0.11
0.017
0.012
0.0087
0.0055
0.85
0.84
0.44
0.43
0.0295
2.25
0.089
0.62
0.60
0.057
0.051
0.035
0.022
0.004
0.2
0.008
0.004
0.063
0.055
0.01
0
5
10 mm
scale
VSO56: plastic very small outline package; 56 leads
SOT190-1
A
max.
3.3
0.13
Note
1. Plastic or metal protrusions of 0.3 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com