Electronic Components Datasheet Search
  English  ▼

X  

28112A Datasheet(PDF) 1 Page - Belden Inc.

Part # 28112A
Description  TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

28112A Datasheet(HTML) 1 Page - Belden Inc.

  28112A Datasheet HTML 1Page - Belden Inc. 28112A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 28112A
TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR
Product Description
UL Type TC (1277) PVC-Nylon/PVC, 5 Conductor 12AWG (7x20) Bare Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 5
12 AWG 7x20
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC/Nylon - Polyvinyl Chloride + Nylon 0.019 in (0.48 mm) 0.131 in (3.33 mm)
Black, Red, Blue, Orange, Yellow
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.047 in (1.2 mm) 0.445 in (11.3 mm) Yes
Overall Cable Diameter (Nominal): 0.445 in (11.3 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
1.68 Ohm/1000ft
24 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
600 V (TC-ER), 150 V (NPLF)
Mechanical Characteristics
Temperature
UL Temperature
Operating
90°C Dry, 90°C Wet Wet/Dry: -30°C to 90°C
Bend Radius
Stationary Min.
Installation Min.
1.78 in (45.2 mm) 2.225 in (56.52 mm)


Similar Part No. - 28112A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
28112 ALPHAWIRE-28112 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
logo
PHOENIX CONTACT
2811268 PHOENIX-2811268 Datasheet
218Kb / 9P
MINI MCR-SL-CVS-24-5-10-NC
2811268 PHOENIX-2811268 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2811271 PHOENIX-2811271 Datasheet
529Kb / 16P
TRIO-UPS/1AC/24DC/5
2811271 PHOENIX-2811271 Datasheet
696Kb / 41P
MACX MCR-T-UI-UP
More results

Similar Description - 28112A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28084A BELDEN-28084A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
27109A BELDEN-27109A Datasheet
179Kb / 2P
TC VN/PVC, 2 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
28085A BELDEN-28085A Datasheet
205Kb / 2P
TC VN/PVC, 7 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28090A BELDEN-28090A Datasheet
211Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28113A BELDEN-28113A Datasheet
157Kb / 2P
TC VN/PVC, 6 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28329A BELDEN-28329A Datasheet
158Kb / 2P
TC VN/PVC, 12 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28335A BELDEN-28335A Datasheet
158Kb / 2P
TC VN/PVC, 5 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28137A BELDEN-28137A Datasheet
157Kb / 2P
TC VN/PVC, 30 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
28114A BELDEN-28114A Datasheet
157Kb / 2P
TC VN/PVC, 7 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28083A BELDEN-28083A Datasheet
203Kb / 2P
TC VN/PVC, 5 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com