Electronic Components Datasheet Search
  English  ▼

X  

ATAM894P Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATAM894P
Description  MARC4 4-bit Microcontrollers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894P Datasheet(HTML) 2 Page - ATMEL Corporation

  ATAM894P Datasheet HTML 1Page - ATMEL Corporation ATAM894P Datasheet HTML 2Page - ATMEL Corporation ATAM894P Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MARC4 4-bit Microcontrollers Errata Sheet
4813A–4BMCU–06/04
Workaround
MTP Parts
a) Experienced customers using Atmel MTP parts (ATAM893S, ATAM894P) can modify the
HEX-file directly. Within each interrupt service routine, replace the HEX-code for CCR! in front
of the RTI with a SCALL to a free address. Introduce the HEX-codes for the commands LIT_1,
OR, CCR! and EXIT at this address. Now, with each RTI, the interrupt enable flag is set. This
software modification overrides the last hardware modification, i.e., the parts behave as if not
having received DI-enhancement, and the interrupt active register will be cleared correctly.
b1) An equivalent modification can be done in the source code, but the modification depends
on the content the compiler saved at the beginning of an interrupt service routine:
0080
: INT1
0080 0D
CCR@
\$SAVEREG
0081 73
Y@
0082 72
X@
In this case, CCR, X and Y registers were saved, therefore, the modification should look as
follows:
2>R 2>R 1 or 2R> 2R>
either at the beginning or at the end of the interrupt service routine.
b2) If only CCR and one of the registers were saved:
01E0
:INT7
01E0 0D
CCR@
\$SAVEREG
01E1 73
Y@
The modification looks as follows:
ROT 1 or <ROT
c) Customers using MTP parts may switch their order to the predecessor version.
ROM Parts
Customers using ROM parts may switch their order to the predecessor version.
Up to now it has not occurred, that parts working correctly under all conditions might fail in the
future or under different environmental conditions.



Html Pages

1 2 3