Electronic Components Datasheet Search
  English  ▼

X  

ZMDCT03 Datasheet(PDF) 4 Page - Qingxian Zeming Langxi Electronic Devices

Part # ZMDCT03
Description  100A DC immune CT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-TRANSFORMER [Qingxian Zeming Langxi Electronic Devices]
Direct Link  https://www.micro-transformer.com
Logo MICRO-TRANSFORMER - Qingxian Zeming Langxi Electronic Devices

ZMDCT03 Datasheet(HTML) 4 Page - Qingxian Zeming Langxi Electronic Devices

  ZMDCT03 Datasheet HTML 1Page - Qingxian Zeming Langxi Electronic Devices ZMDCT03 Datasheet HTML 2Page - Qingxian Zeming Langxi Electronic Devices ZMDCT03 Datasheet HTML 3Page - Qingxian Zeming Langxi Electronic Devices ZMDCT03 Datasheet HTML 4Page - Qingxian Zeming Langxi Electronic Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Qingxian Zeming Langxi Electronic
page 4/4
TEL: 86-25-52601870
E-mail: zm@zeming-e.com
3.Material List:
No.
Material
Spec. model
UL code
Manufacturer
1
Inner core
Nano-crystalline core
/
ZEMING
2
Outer core
Amorphous core
/
ZEMING
3
Core shell
PBT
E238981
QINGDAO QINKE ENGINEE
RING PLASTICS CO
LTD
4
Winding
0.13mm, 2500T
E258243
ELEKTRISOLA HANGZHOU
CO LTD
5
Shield shell
Steel
/
Penghe
6
Epoxy resin
TXH-9201-10 epoxy resin in
sulating compound
E196959
TIANJIN XINQIAO INSULATI
NG MATERIAL
CO LTD
7
Leading wire
UL1007, 26AWG,
Black&White
E315651
ZHEJIANG CHENGBAO WIR
E & CABLE CO
LTD
9
Connector
Molex 5264-2P
/
Shenzhen Pinshang Electro
nic
10
Tape
Flame retardant,
Environmental protection
E165111
JINGJIANG YAHUA PRESSU
RE SENSITIVE
GLUE CO LTD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com