Electronic Components Datasheet Search
  English  ▼

X  

ZXMS6002G Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMS6002G
Description  60V N-Channel self protected enhancement mode IntelliFET??MOSFET with status indication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMS6002G Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMS6002G Datasheet HTML 1Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 2Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 3Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 4Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 5Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 6Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 7Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 8Page - Zetex Semiconductors ZXMS6002G Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXMS6002G
Issue 2 - March 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 board with a high coverage of single sided 2oz weight
copper.
(b) For a device surface mounted on FR4 board as (a) and measured at t<=10s.
Parameter
Symbol
Limit
Unit
Continuous drain-source voltage
VDS
60
V
Drain-source voltage for short circuit protection VIN=5V
VDS(SC)
36
V
Drain-source voltage for short circuit protection
VIN=10V
VDS(SC)
20
V
Continuous input voltage
VIN
-0.2 ... +10
V
Peak input voltage
VIN
-0.2 ... +20
V
Operating temperature range
Tj,
-40 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Power dissipation @ Tamb =25°C(a)
PD
2.5
W
Continuous drain current @ VIN=10V; Tamb=25°C(a)
ID
1.6
A
Continuous drain current @ VIN=5V; Tamb=25°C(a)
ID
1.4
A
Continuous source current (body diode)(a)
IS
3A
Pulsed source current (body diode)(b)
IS
4.7
A
Unclamped single pulse inductive energy
EAS
550
mJ
Load dump protection
VLoadDump
80
V
Electrostatic discharge (human body model)
VESD
4000
V
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
40/150/56
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
50
°C/W
Junction to ambient(b)
R JA
28
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com