Electronic Components Datasheet Search
  English  ▼

X  

ZXSC100X8 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXSC100X8
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100X8 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXSC100X8 Datasheet HTML 9Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 10Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 12Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 13Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 14Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 15Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 16Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 17Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
13
Layout issues
Layout is critical for the circuit to function optimally in
terms of electrical efficiency, thermal considerations
and noise.
For ‘step-up converters’ there are four main current
loops, the input loop, power-switch loop, rectifier loop
and output loop. The supply charging the input
capacitor forms the input loop. The power-switch loop
is defined when Q1 is ‘on’, current flows from the input
through the inductor, Q1, RSENSE and to ground. When
Q1 is ‘off’, the energy stored in the inductor is
transferred to the output capacitor and load via D1,
forming the rectifier loop. The output loop is formed
by the output capacitor supplying the load when Q1 is
switched back off.
To optimise for best performance each of these loops
should be kept separate from each other and
interconnections made with short, thick traces thus
minimising parasitic inductance, capacitance and
resistance. Also the sense resistor R2 should be
connected, with minimum trace length, between
emitter lead of Q1 and ground, again minimising stray
parasitics.
The layout for the 0.33W solution is shown below.
Top silk
Drill holes
Actual Size
Bottom Copper
Top Copper
0.33W solution demo board layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com