Electronic Components Datasheet Search
  English  ▼

X  

ZXSC300 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC300 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXSC300 Datasheet HTML 3Page - Zetex Semiconductors ZXSC300 Datasheet HTML 4Page - Zetex Semiconductors ZXSC300 Datasheet HTML 5Page - Zetex Semiconductors ZXSC300 Datasheet HTML 6Page - Zetex Semiconductors ZXSC300 Datasheet HTML 7Page - Zetex Semiconductors ZXSC300 Datasheet HTML 8Page - Zetex Semiconductors ZXSC300 Datasheet HTML 9Page - Zetex Semiconductors ZXSC300 Datasheet HTML 10Page - Zetex Semiconductors ZXSC300 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ZXSC300
ISSUE 3 - NOVEMBER 2006
7
Ref
Value
Part Number
Manufacture
Comments
U1
N/A
ZXSC300E5
Zetex Plc
Single cell converter, SOT23-5
Q1
N/A
FMMT617
Zetex Plc
Low VCE(SAT) NPN, SOT23
R1
330mW
Generic
Various
0805 Size
L1
100mH
DO1608P-104
Coilcraft
Surface mount inductor
LED1
5600mcd
NSPW500BS
Nichia
White LED
1.0
1.5
2.0
2.5
3.0
3.5
85
90
95
100
Input Voltage v Efficiency
Single LED Load
Input Voltage (V)
Q1
FMMT617
R1
0.33R
L1
100µH
VBATT
LED1
WHITE LED
Vcc
Gnd
Isense
Vdrive
U1
ZXSC300
Maximum battery life solution
To ensure optimum efficiency, and therefore
maximum battery life, the LED is supplied with a
pulsed current. Maximum efficiency is ensured with
the removal of rectifier losses experienced in the
maximum brightness solution.
Materials list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com