Electronic Components Datasheet Search
  English  ▼

X  

M9155 Datasheet(PDF) 1 Page - Heyco.

Part # M9155
Description  Nylon Locknuts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

M9155 Datasheet(HTML) 1 Page - Heyco.

  M9155 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Conduit, Tubing & Fittings
®
Quick
Specs
2-18
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
A
B
A
B
A
B
THREAD TYPE
PART NO.
DESCRIPTION
PART DIMENSIONS
AND SIZE
AB
Black
Gray
Thickness
Wrenching Flats
in.
mm.
in.
mm.
PG 7
3165
3166
NLN PG 7
.218
5,5
.750
19,1
PG 9
3167
3168
NLN PG 9
.218
5,5
.859
21,8
PG 11
3169
3170
NLN PG 11
.218
5,5
.937
23,8
PG 13.5
3171
3172
NLN PG 13.5
.250
6,4
1.062
27,0
PG 16
3173
3174
NLN PG 16
.250
6,4
1.171
29,7
PG 21
3175
3176
NLN PG 21
.281
7,1
1.406
35,7
PG 29
3177
3178
NLN PG 29
.281
7,1
1.812
46,0
PG 36
M9146
M9147
NLN PG 36
.281
7,1
2.244
56,9
PG 42
M9152
M9153
NLN PG 42
.320
8,1
2.750
69,9
PG 48
M9158
M9159
NLN PG 48
.375
9,5
2.835
72,0
Standard colors black or gray.
Heyco® Nylon Locknuts
NPT Thread–Straight NPS Threads for use with NPT Threaded Fittings
PG Thread
Material
Nylon 6/6
Flammability Rating
94V-2 Standard–Consult Heyco for VO material
Temperature Range
-40°F (-40°C) to 221°F (105°C)
THREAD TYPE
PART NO.
DESCRIPTION
PART DIMENSIONS
AND SIZE
AB
Black
Gray
Thickness
Wrenching Flats
in.
mm.
in.
mm.
M12
M9130
M9131
NLN M12
.218
5,5
.750
19,1
M16
M9132
M9133
NLN M16
.218
5,5
.870
22,1
M20
M9134
M9135
NLN M20
.245
6,2
1.062
27,0
M25
M9136
M9137
NLN M25
.281
7,1
1.378
35,0
M32
M9138
M9139
NLN M32
.281
7,1
1.614
41,0
M40
M9140
M9141
NLN M40
.281
7,1
1.968
50,0
M50
M9148
M9149
NLN M50
.320
8,1
2.750
69,9
M63
M9154
M9155
NLN M63
.375
9,5
2.850
72,4
Standard colors black or gray.
Metric Thread
THREAD TYPE
PART NO.
PART NO.
DESCRIPTION
PART DIMENSIONS
AND SIZE
BULK
100 PACK
AB
Black
Gray
Black
Gray
Thickness
Wrenching Flats
in.
mm.
in.
mm.
1/4 NPT
M9142
M9143
3269
3270
NLN 1/4 NPT
.265
6,7
.748
19,0
3/8 NPT
8461
8462
3271
3272
NLN 3/8 NPT
.265
6,7
1.058
26,9
1/2 NPT
8463
8464
3273
3274
NLN 1/2 NPT
.265
6,7
1.058
26,9
3/4 NPT
8465
8466
3275
3276
NLN 3/4 NPT
.265
6,7
1.295
32,9
1 NPT
8467
8468
3277
3278
NLN 1 NPT
.265
6,7
1.605
40,8
1-1/4 NPT
M9144
M9145
3279*
–
NLN 1-1/4 NPT
.281
7,1
1.968
50,0
1-1/2 NPT
M9150
M9151
––
NLN 1-1/2 NPT
.320
8,1
2.735
69,5
2 NPT
M9156
M9157
––
NLN 2 NPT
.375
9,5
2.835
72,0
Standard colors black or gray.
*PN 3279 is a 50 Pack.


Similar Part No. - M9155

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9155 KEYSIGHT-M9155 Datasheet
2Mb / 10P
M9155/6/7C PXI Hybrid Switch Modules
M9155 KEYSIGHT-M9155 Datasheet
1Mb / 12P
M9362AD01
M9155/6/7C KEYSIGHT-M9155/6/7C Datasheet
337Kb / 3P
PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9155C KEYSIGHT-M9155C Datasheet
2Mb / 10P
PXI Hybrid Switch Modules
M9155C KEYSIGHT-M9155C Datasheet
1Mb / 8P
M9170A PXI Attenuator/Switch Driver Module
More results

Similar Description - M9155

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NMS-306 RICHCO-NMS-306 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NSS-4-01 RICHCO-NSS-4-01 Datasheet
46Kb / 1P
NYLON SCREWS
logo
Japan Aviation Electron...
DD1P030MA1 JAE-DD1P030MA1 Datasheet
178Kb / 1P
INSULATOR 9T NYLON
logo
List of Unclassifed Man...
2250 ETC2-2250 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TT Electronics.
DS3119 TTELEC-DS3119 Datasheet
274Kb / 1P
Thermocouple Termination Glands & Locknuts
logo
List of Unclassifed Man...
4671 ETC-4671 Datasheet
91Kb / 1P
Heyco짰-Tite EMC Brass Locknuts
logo
Heyco.
2242 HEYCO-2242 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com