Electronic Components Datasheet Search
  English  ▼

X  

1751219 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751219
Description  SMKDS 1/14-3,5 - PCB terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751219 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751219 Datasheet HTML 1Page - PHOENIX CONTACT 1751219 Datasheet HTML 2Page - PHOENIX CONTACT 1751219 Datasheet HTML 3Page - PHOENIX CONTACT 1751219 Datasheet HTML 4Page - PHOENIX CONTACT 1751219 Datasheet HTML 5Page - PHOENIX CONTACT 1751219 Datasheet HTML 6Page - PHOENIX CONTACT 1751219 Datasheet HTML 7Page - PHOENIX CONTACT 1751219 Datasheet HTML 8Page - PHOENIX CONTACT 1751219 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 10 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 14, number of rows: 1, number of positions per row: 14, product
range: SMKDS 1, pitch: 3.5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 35
°, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Angled connection enables multi-row arrangement on the PCB
•
Extremely small design for the respective conductor cross section
•
Commercial data
Item number
1751219
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA12
Product key
AALFFF
Catalog page
Page 85 (C-1-2013)
GTIN
4017918103811
Weight per piece (including packing)
8.29 g
Weight per piece (excluding packing)
7.443 g
Customs tariff number
85369010
Country of origin
DE
SMKDS 1/14-3,5 - PCB terminal block
1751219
https://www.phoenixcontact.com/us/products/1751219
Mar 11, 2024, 5:57 AM
Page 1 (11)


Similar Part No. - 1751219

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1751210B1 ETC2-1751210B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
More results

Similar Description - 1751219

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751112 PHOENIX-1751112 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/ 4-3,5
1751125 PHOENIX-1751125 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 5-3,5
1751138 PHOENIX-1751138 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 6-3,5
1751141 PHOENIX-1751141 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/ 7-3,5
1751154 PHOENIX-1751154 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 8-3,5
1751170 PHOENIX-1751170 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/10-3,5
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
1751196 PHOENIX-1751196 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/12-3,5
1751206 PHOENIX-1751206 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/13-3,5
1751222 PHOENIX-1751222 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/15-3,5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com