Electronic Components Datasheet Search
  English  ▼

X  

AT93C46 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C46
Description  Three-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C46 Datasheet HTML 1Page - ATMEL Corporation AT93C46 Datasheet HTML 2Page - ATMEL Corporation AT93C46 Datasheet HTML 3Page - ATMEL Corporation AT93C46 Datasheet HTML 4Page - ATMEL Corporation AT93C46 Datasheet HTML 5Page - ATMEL Corporation AT93C46 Datasheet HTML 6Page - ATMEL Corporation AT93C46 Datasheet HTML 7Page - ATMEL Corporation AT93C46 Datasheet HTML 8Page - ATMEL Corporation AT93C46 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
AT93C46
5140B–SEEPR–2/07
Note:
The Xs in the address field represent DON’T CARE values and must be clocked.
Functional
Description
The AT93C46 is accessed via a simple and versatile three-wire serial communication
interface. Device operation is controlled by seven instructions issued by the host pro-
cessor. A valid instruction starts with a rising edge of CS and consists of a start bit (logic
“1”) followed by the appropriate op code and the desired memory address location.
READ (READ): The Read (READ) instruction contains the address code for the mem-
ory location to be read. After the instruction and address are decoded, data from the
selected memory location is available at the serial output pin DO. Output data changes
are synchronized with the rising edges of serial clock SK. It should be noted that a
dummy bit (logic “0”) precedes the 8- or 16-bit data output string.
ERASE/WRITE ENABLE (EWEN): To assure data integrity, the part automatically goes
into the Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write
Enable (EWEN) instruction must be executed first before any programming instructions
can be carried out. Please note that once in the EWEN state, programming remains
enabled until an EWDS instruction is executed or VCC power is removed from the part.
ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified
memory location to the logical “1” state. The self-timed erase cycle starts once the
Erase instruction and address are decoded. The DO pin outputs the Ready/Busy status
of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A
logic “1” at pin DO indicates that the selected memory location has been erased and the
part is ready for another instruction.
WRITE (WRITE): The Write (WRITE) instruction contains the 8 or 16 bits of data to be
written into the specified memory location. The self-timed programming cycle tWP starts
after the last bit of data is received at serial data input pin DI. The DO pin outputs the
Read/Busy status of the part if CS is brought high after being kept low for a minimum of
250 ns (tCS). A logic “0” at DO indicates that programming is still in progress. A logic “1”
indicates that the memory location at the specified address has been written with the
data pattern contained in the instruction and the part is ready for further instructions. A
Ready/Busy status cannot be obtained if the CS is brought high after the end of the self-
timed programming cycle tWP.
Table 5. Instruction Set for the AT93C46
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A6 – A0
A5 – A0
Reads data stored in memory, at
specified address
EWEN
1
00
11XXXXX
11XXXX
Write enable must precede all
programming modes
ERASE
1
11
A6 – A0
A5 – A0
Erases memory location An – A0
WRITE
1
01
A6 – A0
A5 – A0
D7 – D0
D15 – D0
Writes memory location An – A0
ERAL
1
00
10XXXXX
10XXXX
Erases all memory locations. Valid
only at VCC = 4.5V to 5.5V
WRAL
1
00
01XXXXX
01XXXX
D7 – D0
D15 – D0
Writes all memory locations. Valid
only at VCC = 4.5V to 5.5V
EWDS
1
00
00XXXXX
00XXXX
Disables all programming instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com