Electronic Components Datasheet Search
  English  ▼

X  

AT34C02C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 3 Page - ATMEL Corporation

  AT34C02C Datasheet HTML 1Page - ATMEL Corporation AT34C02C Datasheet HTML 2Page - ATMEL Corporation AT34C02C Datasheet HTML 3Page - ATMEL Corporation AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
AT34C02C [Preliminary]
5185A–SEEPR–9/06
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1, and A0 pins are device
address inputs that are hardwired (directly to GND or to Vcc) for compatibility with other
AT24Cxx devices. When the pins are hardwired, as many as eight 2K devices may be
addressed on a single bus system. (Device addressing is discussed in detail under
“Device Addressing,” page 9.) A device is selected when a corresponding hardware and
software match is true. If these pins are left floating, the A2, A1, and A0 pins will be
internally pulled down to GND. However, due to capacitive coupling that may appear
during customer applications, Atmel recommends always connecting the address pins
to a known state. When using a pull-up resistor, Atmel recommends using 10k
Ω or less.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows nor-
mal write operations. When WP is connected directly to Vcc, all write operations to the
memory are inhibited. If the pin is left floating, the WP pin will be internally pulled down
to GND. However, due to capacitive coupling that may appear during customer applica-
tions, Atmel recommends always connecting the WP pins to a known state. When using
a pull-up resistor, Atmel recommends using 10k
Ω or less.
Note:
1. This parameter is characterized and is not 100% tested.
Table 2. AT34C02C Write Protection Modes
WP Pin Status
Permanent Write Protect
Register
Reversible Write Protect
Register
Part of the Array Write
Protected
VCC
–
–
Full Array (2K)
GND or Floating
Not Programmed
Not Programmed
Normal Read/Write
GND or Floating
Programmed
–
First-Half of Array
(1K: 00H - 7FH)
GND or Floating
–
Programmed
First-Half of Array
(1K: 00H - 7FH)
Table 3. Pin Capacitance(1)
Applicable over recommended operating range from TA = 25°C, f = 100 kHz, VCC = +1.7V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com