Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646_0607 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT90USB646_0607
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646_0607 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT90USB646_0607 Datasheet HTML 80Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 81Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 82Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 83Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 84Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 85Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 86Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 87Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 435 page
background image
84
7593D–AVR–07/06
AT90USB64/128
PCINT1, Pin Change Interrupt source 1: The PB7 pin can serve as an external interrupt source.
•SS/PCINT0 – Port B, Bit 0
SS: Slave Port Select input. When the SPI is enabled as a slave, this pin is configured as an
input regardless of the setting of DDB0. As a slave, the SPI is activated when this pin is driven
low. When the SPI is enabled as a master, the data direction of this pin is controlled by DDB0.
When the pin is forced to be an input, the pull-up can still be controlled by the PORTB0 bit.
Table 10-7 and Table 10-8 relate the alternate functions of Port B to the overriding signals
shown in Figure 10-5 on page 79. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the
MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT.
PCINT0, Pin Change Interrupt source 0: The PB7 pin can serve as an external interrupt source..
Table 10-7.
Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/PCINT7/OC0A/
OC1C
PB6/PCINT6/OC
1B
PB5/PCINT5/OC
1A
PB4/PCINT4/OC
2A
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC0/OC1C ENABLE
OC1B ENABLE
OC1A ENABLE
OC2A ENABLE
PVOV
OC0/OC1C
OC1B
OC1A
OC2A
DIEOE
PCINT7 • PCIE0
PCINT6 • PCIE0
PCINT5 • PCIE0
PCINT4 • PCIE0
DIEOV
1
1
1
1
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
PCINT4 INPUT
AIO
–
–
–
–
Table 10-8.
Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/PD0/PCINT3/
MISO
PB2/PDI/PCINT2/
MOSI
PB1/PCINT1/
SCK
PB0/PCINT0/
SS
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
SCK OUTPUT
0
DIEOE
PCINT3 • PCIE0
PCINT2 • PCIE0
PCINT1 •
PCIE0
PCINT0 •
PCIE0
DIEOV
1
1
1
1
DI
SPI MSTR INPUT
PCINT3 INPUT
SPI SLAVE INPUT
PCINT2 INPUT
SCK INPUT
PCINT1 INPUT
SPI SS
PCINT0 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com