Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 425 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 425 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 421Page - ATMEL Corporation AT90USB646 Datasheet HTML 422Page - ATMEL Corporation AT90USB646 Datasheet HTML 423Page - ATMEL Corporation AT90USB646 Datasheet HTML 424Page - ATMEL Corporation AT90USB646 Datasheet HTML 425Page - ATMEL Corporation AT90USB646 Datasheet HTML 426Page - ATMEL Corporation AT90USB646 Datasheet HTML 427Page - ATMEL Corporation AT90USB646 Datasheet HTML 428Page - ATMEL Corporation AT90USB646 Datasheet HTML 429Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 435 page
background image
425
7593D–AVR–07/06
AT90USB64/128
34.2
AT90USB1287/6 Rev A
• USB signal rate
• VBUS residual level
• Spike on TWI pins when TWI is enabled
• High current consumption in sleep mode
• Async timer interrupt wake up from sleep generate multiple interrupts
5.
UBS signal rate
The average USB signal rate may sometime be measured out of the USB specifications
(12MHz ±30kHz) with short frames. When measured on a long period, the average signal
rate value complies with the specifications. This bit rate deviation does not generates com-
munication or functional errors.
Problem fix/workaround
None.
4.
VBUS residual level
In USB device and host mode, once a 5V level has been detected to the VBUS pad, a resid-
ual level (about 3V) can be measured on the VBUS pin.
Problem fix/workaround
None.
3.
Spike on TWI pins when TWI is enabled
100 ns negative spike occurs on SDA and SCL pins when TWI is enabled.
Problem Fix/workaround
No known workaround, enable AT90USB64/128 TWI first versus the others nodes of the
TWI network.
2.
High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected mode, the current consump-
tion will increase during sleep when executing the SLEEP instruction directly after a SEI
instruction.
Problem Fix/workaround
Before entering sleep, interrupts not used to wake up the part from the sleep mode should
be disabled.
1.
Asyncrhonous timer interrupt wake up from sleep generates multiple interrupts
If the CPU core is in sleep and wakes-up from an asynchronous timer interrupt and then go
back in sleep again it may wake up multiple times.
Problem Fix/workaround
A software workaround is to wait with performing the sleep instruction until
TCNT2>OCR2+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com