Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 428 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 428 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 424Page - ATMEL Corporation AT90USB646 Datasheet HTML 425Page - ATMEL Corporation AT90USB646 Datasheet HTML 426Page - ATMEL Corporation AT90USB646 Datasheet HTML 427Page - ATMEL Corporation AT90USB646 Datasheet HTML 428Page - ATMEL Corporation AT90USB646 Datasheet HTML 429Page - ATMEL Corporation AT90USB646 Datasheet HTML 430Page - ATMEL Corporation AT90USB646 Datasheet HTML 431Page - ATMEL Corporation AT90USB646 Datasheet HTML 432Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 435 page
background image
2
7593D–AVR–07/06
AT90USB64/128
7.1Idle Mode .................................................................................................................54
7.2ADC Noise Reduction Mode ....................................................................................54
7.3Power-down Mode ...................................................................................................54
7.4Power-save Mode ....................................................................................................54
7.5Standby Mode .........................................................................................................55
7.6Extended Standby Mode .........................................................................................55
7.7Power Reduction Register .......................................................................................56
7.8Minimizing Power Consumption ..............................................................................57
8
System Control and Reset .................................................................... 59
8.1Internal Voltage Reference ......................................................................................64
8.2Watchdog Timer ......................................................................................................64
9
Interrupts ................................................................................................ 70
9.1Interrupt Vectors in AT90USB64/128 ......................................................................70
10
I/O-Ports .................................................................................................. 74
10.1Introduction ............................................................................................................74
10.2Ports as General Digital I/O ...................................................................................75
10.3Alternate Port Functions ........................................................................................79
10.4Register Description for I/O-Ports ..........................................................................92
11
External Interrupts ................................................................................. 96
12
Timer/Counter0, Timer/Counter1, and Timer/Counter3 Prescalers . 100
12.1Internal Clock Source ..........................................................................................100
12.2Prescaler Reset ...................................................................................................100
12.3External Clock Source .........................................................................................100
12.4General Timer/Counter Control Register – GTCCR ............................................101
13
8-bit Timer/Counter0 with PWM .......................................................... 102
13.1Overview ..............................................................................................................102
13.2Timer/Counter Clock Sources .............................................................................103
13.3Counter Unit ........................................................................................................103
13.4Output Compare Unit ...........................................................................................104
13.5Compare Match Output Unit ................................................................................106
13.6Modes of Operation .............................................................................................107
13.7Timer/Counter Timing Diagrams .........................................................................111
13.88-bit Timer/Counter Register Description ............................................................112
14
16-bit Timer/Counter (Timer/Counter1 and Timer/Counter3) ........... 119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com