Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 430 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 430 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 426Page - ATMEL Corporation AT90USB646 Datasheet HTML 427Page - ATMEL Corporation AT90USB646 Datasheet HTML 428Page - ATMEL Corporation AT90USB646 Datasheet HTML 429Page - ATMEL Corporation AT90USB646 Datasheet HTML 430Page - ATMEL Corporation AT90USB646 Datasheet HTML 431Page - ATMEL Corporation AT90USB646 Datasheet HTML 432Page - ATMEL Corporation AT90USB646 Datasheet HTML 433Page - ATMEL Corporation AT90USB646 Datasheet HTML 434Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 435 page
background image
4
7593D–AVR–07/06
AT90USB64/128
18.8Multi-processor Communication Mode ................................................................199
18.9USART Register Description ...............................................................................200
18.10Examples of Baud Rate Setting .........................................................................205
19
USART in SPI Mode ............................................................................. 208
19.1Overview ..............................................................................................................208
19.2Clock Generation .................................................................................................209
19.3SPI Data Modes and Timing ................................................................................209
19.4Frame Formats ....................................................................................................210
19.5Data Transfer .......................................................................................................212
19.6USART MSPIM Register Description ..................................................................214
19.7AVR USART MSPIM vs. AVR SPI ......................................................................216
20
2-wire Serial Interface .......................................................................... 218
20.1Features ..............................................................................................................218
20.22-wire Serial Interface Bus Definition ..................................................................218
20.3Data Transfer and Frame Format ........................................................................219
20.4Multi-master Bus Systems, Arbitration and Synchronization ...............................222
20.5Overview of the TWI Module ...............................................................................223
20.6TWI Register Description .....................................................................................226
20.7Using the TWI ......................................................................................................229
20.8Transmission Modes ...........................................................................................233
20.9Multi-master Systems and Arbitration ..................................................................246
21
USB controller ...................................................................................... 248
21.1Features ..............................................................................................................248
21.2Block Diagram .....................................................................................................248
21.3Typical Application Implementation .....................................................................249
21.4General Operating Modes ...................................................................................253
21.5Power modes .......................................................................................................257
21.6Speed Control ......................................................................................................258
21.7Memory management ..........................................................................................259
21.8PAD suspend .......................................................................................................260
21.9OTG timers customizing ......................................................................................261
21.10Plug-in detection ................................................................................................261
21.11ID detection .......................................................................................................262
21.12Registers description .........................................................................................263
21.13USB Software Operating modes .......................................................................267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com