Electronic Components Datasheet Search
  English  ▼

X  

FBGINTERROGATOR Datasheet(PDF) 2 Page - Advanced Energy Industries, Inc.

Part # FBGINTERROGATOR
Description  Instrument with an integrated light source (IRS) that provides interrogation for 1, 4, or 16 FBG sensors.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

FBGINTERROGATOR Datasheet(HTML) 2 Page - Advanced Energy Industries, Inc.

  FBGINTERROGATOR Datasheet HTML 1Page - Advanced Energy Industries, Inc. FBGINTERROGATOR Datasheet HTML 2Page - Advanced Energy Industries, Inc. FBGINTERROGATOR Datasheet HTML 3Page - Advanced Energy Industries, Inc. FBGINTERROGATOR Datasheet HTML 4Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
advancedenergy.com
WAVECAPTURE FBG ANALYZER SYSTEM
Specifications
Number of Channels
1, 4, 8, or 16
Wavelength Ranges
40 nm Model: 1525 to 1565 nm
80 nm Model: 1510 to 1590 nm
Other wavelength ranges on request
Wavelength Repeatability
±2 pm (with IRS); ±5 pm (without IRS)
Min Detectable Wavelength
Change
±1 pm
Optical Interface
FC/APC connector (or specified)
Frequency Response Time (typ) Standard: 1 to 5 Hz (RS-2320
Fast: up to 5 kHz (USB 2.0)
SLED Light Source
> 15 mW Output Power
> 40 nm FWHM for Standard
> 80 nm FWHM for Extended
Optical Circulator
Included
Operating Temperature
-5 to 75°C, 0 to 80%, non-condensing
Storage Temperature
-20 to 70°C, 0 to 95%, non-condensing
Software
WaveCapture Sense 20/20 software,
WaveCapture Sense 20/20 SDK for development (optional)
Power Supply
110 to 220 VAC
Power Consumption
< 10 W
TECHNICAL DATA
SCHEMATIC
Dimensions in mm
Drawing depicts the 4 channel version



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com