Electronic Components Datasheet Search
  English  ▼

X  

BES0305 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES0305
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0305 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES0305 Datasheet HTML 1Page - Balluff Korea Ltd. BES0305 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES Q40KFU-PSC20A-S04G-012
Order Code: BES0305
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 272462
ETIM 6.0: EC002714
BES0305_0.7_2023-12-20
2 / 2
Interface
Switching output
PNP normally open (NO)
Material
Housing material
PA
Material sensing surface
PA/Teflon
Mechanical data
Dimension
40 x 40 x 66 mm
Installation
for flush mounting
Size
40x40
Range/Distance
Assured operating distance Sa
16.2 mm
Hysteresis H max. (% of Sr)
20.0 %
Rated operating distance Sn
20 mm
Real switching distance sr
20 mm
Repeat accuracy max. (% of Sr)
3.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
LED yellow: Function
LED green: Power
Switching distance and tolerance data apply to the sensing surface location shown.
M12 connector
rotation, locking latch
Sensing surface can be set in 5 positions
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com