Electronic Components Datasheet Search
  English  ▼

X  

PCF8820U Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8820U
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820U Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8820U Datasheet HTML 18Page - NXP Semiconductors PCF8820U Datasheet HTML 19Page - NXP Semiconductors PCF8820U Datasheet HTML 20Page - NXP Semiconductors PCF8820U Datasheet HTML 21Page - NXP Semiconductors PCF8820U Datasheet HTML 22Page - NXP Semiconductors PCF8820U Datasheet HTML 23Page - NXP Semiconductors PCF8820U Datasheet HTML 24Page - NXP Semiconductors PCF8820U Datasheet HTML 25Page - NXP Semiconductors PCF8820U Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
2000 Dec 07
22
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
PS
screen mode
0
0
full display mode: multiplex rate is 1 : 67
1
partial screen mode: multiplex rate is 1 : 8; see Section 8.1.2.
BS2, BS1,
BS0
000
−
bias system selection bits; see Section 8.1.4
BS1/2
bias system selection
0
0
setting of bits BS2 to BS0
1
bias system 1/2; see Section 8.1.4
DP2, DP1,
DP0
display part
000
000
DDRAM bank 0 to 1: first 8 rows
111
DDRAM bank 14 to 15: last 8 rows
PRS
VLCDOUT programming range; see Fig.20
0
0
LOW range
1
HIGH range
HVE
high voltage generator
0
0
disabled
1
enabled
S2, S1, S0
voltage multiplier factor; see Section 8.1.5
000
000
2
× V
DD2
001
3
× VDD2
010
4
× VDD2
011
5
× VDD2
100
6
× VDD2
101
7
× VDD2
110
8
× VDD2
TC2, TC1,
TC0
temperature coefficient; see Chapter 11
000
000
coefficient 0
001
coefficient 1
010
coefficient 2
011
coefficient 3
100
coefficient 4
101
coefficient 5
110
coefficient 6
111
coefficient 7
SM
temperature measurement
0
0
no measurement
1
start measurement
VOP6 to VOP0
0
−
VLCD control register bits; see Section 8.1.7
BIT
RESET
STATE
VALUE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com