Electronic Components Datasheet Search
  English  ▼

X  

3003 Datasheet(PDF) 1 Page - Heyco.

Part # 3003
Description  Shorty Universal Bushings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

3003 Datasheet(HTML) 1 Page - Heyco.

  3003 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Bushings, Grommets, HEYcaps & Plugs
®
6-12
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
• For use in mounting panels .062˝
(1,6 mm) and thinner.
• Absorb vibration and cushion
and insulate cables, tubing, hoses
or shafts with limited internal clearance.
• Flexible shutters adjust to
accommodate and support any shape
from .125˝ (3,2 mm) to a maximum
cable/bundle diameter of .812˝
(20,6 mm).
• Fingertip pressure snap-locks the
bushing into its mounting hole.
• See Quick Specs on 6-11.
B
A
• For use in mounting panels up to
.250˝ thick.
• Flexible shutters to absorb
vibration on the inside diameter.
• Insulate and mechanically protect
electrical and telecommunications
cables, tubing, hose, rope, and
utility lines.
• Withstand a push back force of
35 pounds.
• Locking fingers snap into holes
with fingertip pressure.
• Locking fingers in fractional increments
up to the maximum panel thickness.
• Available in multiple sizes for use in
.500˝ (12,7 mm) to 1.500˝ (38,1 mm)
diameter holes.
• See Quick Specs on 6-11.
Heyco® Shorty Universal Bushings
Single Locking Step for Panel Thickness up to .062˝ (1,6 mm)
Mounting Hole Diameter Range: .500˝ (12,7 mm) to 1.093˝ (27,8 mm)
B
A
Heyco® Thick Panel Universal Bushings
Multiple Locking Steps for Panel Thickness up to .250˝ (6,4 mm)
Mounting Hole Diameter Range: .500˝ (12,7 mm) to 1.500˝ (38,1 mm)
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
DIAMETER
Black
Maximum Cable/
Head
Overall
Bundle Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
.500
12,7
2858
SUB 500
.31
7,6
.60
15,2
.625
15,9
2861
SUB 625
.44
11,1
.73
18,5
.750
19,1
2862
SUB 750
.50
12,7
.84
21,3
.24
6,1
.875
22,2
2863
SUB 875
.56
14,3
.94
23,8
1.000
25,4
2864
SUB 1000
.75
19,0
1.06
27,0
1.093
27,8
2158
SUB 1093
.81
20,6
1.16
29,4
Standard color black. Consult Heyco for white and other colors.
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
DIAMETER
Black
Maximum Cable/
Head
Overall
Bundle Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
.500
12,7
3001
UBT 500
.31
7,6
.60
15,2
.55
13,8
.625
15,9
3118
UBT 625*
.44
11,1
.73
18,5
.51
13,0
.750
19,1
3119
UBT 750*
.50
12,7
.84
21,4
.875
22,2
3120
UBT 875
.56
14,3
.94
23,8
.55
13,8
1.000
25,4
3121
UBT 1000
.75
19,1
1.06
27,0
1.093
27,8
3002
UBT 1093
.81
20,6
1.16
29,5
1.375
34,9
3003
UBT 1375
1.00
25,4
1.49
37,8
.56
14,2
1.500
38,1
3122
UBT 1500
1.06
26,9
1.61
40,9
Standard color black. Consult Heyco for white and other colors.
*Single Locking Step for Panel Thickness up to .250˝ (6,4 mm).


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
73JB10K HONEYWELL-ACC-73JB10K Datasheet
87Kb / 3P
Plastic shaft and bushings
logo
List of Unclassifed Man...
8478 ETC2-8478 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
SB-19 ETC2-SB-19 Datasheet
121Kb / 1P
Snap Fit Bushings
561-AF625 ETC2-561-AF625 Datasheet
244Kb / 2P
ALL-FIT ADJUSTABLE BUSHINGS
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
STANDARD INSULATING BUSHINGS
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
SNAP BUSHINGS CLOSED
logo
List of Unclassifed Man...
1240 ETC-1240 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com