Electronic Components Datasheet Search
  English  ▼

X  

2425 Datasheet(PDF) 1 Page - Heyco.

Part # 2425
Description  Snap Bushings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

2425 Datasheet(HTML) 1 Page - Heyco.

  2425 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Bushings, Grommets, HEYcaps & Plugs
®
6-4
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
Heyco® Snap Bushings
Mounting Hole Diameter Range: 1.000˝ (25,4 mm) to 2.500˝ (63,5 mm)
Material
Nylon 6/6
Certifications
Recognized under the Component Program of Underwriters’ Laboratories,
File E15331
Certified by Canadian Standards Association, File 8919
Flammability Rating
94V-2
Temperature Range
-.4°F (-18°C) to 221°F (105°C)
C
B
A
MULTIPLE PANEL DESIGN
• Convert raw-edged holes to smooth,
neat, insulated holes.
• Insulate and mechanically protect
electrical and telecommunications
cables, tubing, hose, rope, and
utility lines.
• Locking fingers snap into holes
with fingertip pressure.
• Locking fingers in fractional increments
up to the maximum panel thickness.
• Withstand a push back force of
35 pounds.
• Available in multiple sizes for use in
.250˝ (6,4 mm) to 6.00˝ (152,4 mm)
diameter holes.
• We offer the following brass-colored
parts for lamp and lighting applications:
Part No. 2012, SB 312-3 Brass
Part No. 2033, SB 375-4 Brass
Part No. 2041, SB 437-4 Brass
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
White
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
Multiple Locking Steps for Panel Thickness up to .125˝ (3,2 mm)
1.000
25,4
2140
2141
SB 1000-12
.77
19,4
1.13
28,6
1.093 -
27,8 -
2160
2161
SB 1093-13
.81
20,6
1.125
28,6
2163
2164
SB 1093-14
.88
22,2
1.22
30,9
2166
2167
SB 1093-15
.94
23,8
1.187
30,2
2182
2183
SB 1187-15
.94
23,8
1.32
33,5
1.250
31,8
2198
2199
SB 1250-15
.94
23,8
1.36
34,5
2201
2202
SB 1250-16
1.00
25,4
1.31
33,3
1.375
34,9
2207
2208
SB 1375-14
.88
22,2
1.49
37,9
2210
2211
SB 1375-16
1.01
25,8
.45
11,5
2233
2234
SB 1500-17
1.06
27,0
1.500
38,1
2236
2237
SB 1500-18
1.13
28,6
1.61
40,9
2240
2241
SB 1500-21
1.31
33,3
1.625
41,3
2273
2274
SB 1625-21
1.31
33,3
1.74
44,2
1.750
44,5
2300
2301
SB 1750-22
1.38
34,9
1.88
47,6
1.875
47,6
2287
2288
SB 1875-24
1.50
38,1
2.00
50,8
2.000
50,8
2400
2401
SB 2000-26
1.64
41,6
2.13
54,0
2406
2414
SB 2000-28
1.75
44,5
Multiple Locking Steps for Panel Thickness up to .250˝ (6,4 mm)
2.093
53,1
2415
2416
SB 2.093-29
1.81
46,0
2.35
59,7
2.250
57,2
2419
-
SB 2.250-29-180
1.80
45,7
2.48
63,1
.72
18,3
2417
2418
SB 2.250-29
1.86
47,1
2.500
63,5
2420
2421
SB 2.500-31
1.97
50,0
2.66
67,5
Larger 3.000˝ (76,2 mm) to 6.000˝ (152,4 mm) Diameter Parts
Small Packs Available
Standard colors black and white. Consult Heyco for other colors.
MOUNTING
PART NO.
DESCRIPTION
PACKAGING
PART DIMENSIONS
HOLE
BULK
SMALL
AB
C
DIAMETER
Black
White
(Std)
PACK*
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
Multiple Locking Steps for Panel Thickness up to .250˝ (6,4 mm)
3.000
76,2
2461
2462
SB 3.000-39
300
5
2.47
62,7
3.15
80,0
.75
19,1
2424
2425
SB 3.000-44
300
5
2.75
69,9
3.16
80,2
.72
18,3
3.375
85,7
2407
2408
SB 3.375-45
400
5
2.81
71,4
3.66
93,0
3.500
88,9
2470
2471
SB 3.500-47
200
5
2.94
74,7
.72
18,3
4.000
101,6
2479
2480
SB 4.000-55
300
5
3.47
88,1
4.15
105,4
5.000
127,0
2409
2410
SB 5.000-70
150
1
4.38
113,8
5.22
132,6
.74
18,8
6.000
152,4
2484
2485
SB 6.000-86
130
1
5.38
139,2
6.22
157,9
Standard colors black and white. Consult Heyco for other colors.
*Small Pack available in Black color only. To order, please add the suffix -P to Part No., e.g., 2461-P
NEW!


Similar Part No. - 2425

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2425 YANTEL-2425 Datasheet
75Kb / 2P
Variable RF Inductor
logo
Vicor Corporation
24252 VICOR-24252 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24252-2 VICOR-24252-2 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24253 VICOR-24253 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 120 uF-20%, 20V
24253-2 VICOR-24253-2 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 120 uF-20%, 20V
More results

Similar Description - 2425

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
73JB10K HONEYWELL-ACC-73JB10K Datasheet
87Kb / 3P
Plastic shaft and bushings
logo
List of Unclassifed Man...
8478 ETC2-8478 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
SB-19 ETC2-SB-19 Datasheet
121Kb / 1P
Snap Fit Bushings
561-AF625 ETC2-561-AF625 Datasheet
244Kb / 2P
ALL-FIT ADJUSTABLE BUSHINGS
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
STANDARD INSULATING BUSHINGS
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
SNAP BUSHINGS CLOSED
logo
List of Unclassifed Man...
1240 ETC-1240 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com