Electronic Components Datasheet Search
  English  ▼

X  

DPE18BL Datasheet(PDF) 2 Page - Schneider Electric

Part # DPE18BL
Description  IEC contactor,Easy TeSys DPE,nonreversing,18A,3P,7.5HP at 480V AC,24V DC coil
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DPE18BL Datasheet(HTML) 2 Page - Schneider Electric

  DPE18BL Datasheet HTML 1Page - Schneider Electric DPE18BL Datasheet HTML 2Page - Schneider Electric DPE18BL Datasheet HTML 3Page - Schneider Electric DPE18BL Datasheet HTML 4Page - Schneider Electric DPE18BL Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Average Impedance
2.5 mOhm - Ith 25 A 50 Hz for power circuit
Power Dissipation Per Pole
0.36 W AC-3
1.56 W AC-1
Electrical Durability
1 Mcycles 18 A AC-3 <= 440 V
0.6 Mcycles 25 A AC-1 <= 440 V
Safety Reliability Level
B10d = 1369863 cycles contactor with nominal load EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load EN/ISO 13849-1
Control Circuit Type
DC
Coil Technology
Without built-in suppressor module
Control Circuit Voltage Limits
Drop-out: 0.1...0.3 Uc (at <158 °F (70 °C))
Operational: 0.8...1.25 Uc (at <140 °F (60 °C))
Operational: 1...1.25 Uc (at <158 °F (70 °C))
Inrush Power In W
2.4 W 68 °F (20 °C))
Hold-In Power Consumption In W
2.4 W 68 °F (20 °C)
Heat Dissipation
2…3 W 50/60 Hz
Operating Time
65.45...88.55 ms closing
20...30 ms opening
Mechanical Durability
10 Mcycles
Maximum Operating Rate
3600 cyc/h 140 °F (60 °C)
Auxiliary Contacts Type
Mechanically linked 1 NO IEC 60947-5-1
Minimum Switching Current
5 mA for signalling circuit
Minimum Switching Voltage
17 V for signalling circuit
Insulation Resistance
> 10 MOhm for signalling circuit
Non-Overlap Time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Signalling Circuit Frequency
25...400 Hz
Connections - Terminals
Power circuit: screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) - cable stiffness:
flexible without cable end
Power circuit: screw clamp terminals 2 0.00…0.01 in² (1…4 mm²) - cable stiffness:
flexible without cable end
Power circuit: screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) - cable stiffness:
flexible with cable end
Power circuit: screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) - cable stiffness:
flexible with cable end
Power circuit: screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) - cable stiffness:
solid without cable end
Power circuit: screw clamp terminals 2 0.00…0.01 in² (1…4 mm²) - cable stiffness:
solid without cable end
Control circuit: screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) - cable stiffness:
flexible without cable end
Control circuit: screw clamp terminals 2 0.00…0.01 in² (1…4 mm²) - cable stiffness:
flexible without cable end
Control circuit: screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) - cable stiffness:
flexible with cable end
Control circuit: screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) - cable stiffness:
flexible with cable end
Control circuit: screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) - cable stiffness:
solid without cable end
Control circuit: screw clamp terminals 2 0.00…0.01 in² (1…4 mm²) - cable stiffness:
solid without cable end
Tightening Torque
Power circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals flat Ø 6 mm
Power circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals Philips No 2
Control circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals flat Ø 6 mm
Control circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals Philips No 2
Mounting Support
Rail
Plate
Height
3.03 in (77 mm)
2
Mar 15, 2024



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com