Electronic Components Datasheet Search
  English  ▼

X  

7809R Datasheet(PDF) 2 Page - Belden Inc.

Part # 7809R
Description  50 Ohm Wireless Transmission Coax, RF 300, 13 AWG Solid BC, Foil 95% TC Braid, PVC Jkt, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7809R Datasheet(HTML) 2 Page - Belden Inc.

  7809R Datasheet HTML 1Page - Belden Inc. 7809R Datasheet HTML 2Page - Belden Inc. 7809R Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
450 MHz
3.9 dB/100ft
900 MHz
5.6 dB/100ft
1500 MHz
7.3 dB/100ft
1800 MHz
8.1 dB/100ft
2000 MHz
8.6 dB/100ft
2500 MHz
9.7 dB/100ft
3000 MHz
10.8 dB/100ft
3500 MHz
11.8 dB/100ft
4500 MHz
13.5 dB/100ft
5800 MHz
15.8 dB/100ft
6000 MHz
16 dB/100ft
Power Rating
Frequency Max. Power Rating
30 MHz
2,161 W
50 MHz
1,658 W
150 MHz
928 W
220 MHz
758 W
450 MHz
522 W
900 MHz
367 W
1,500 MHz
278 W
2,000 MHz
239 W
2,500 MHz
212 W
3,500 MHz
179 W
4,500 MHz
157 W
6,000 MHz
135 W
4,500 MHz
157 W
5,800 MHz
137 W
6,000 MHz
135 W
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
2.16 Ohm/1000ft
3.1 Ohm/1000ft (10 Ohm/km) 23 pF/ft (75 pF/m)
50 Ohm
86%
Voltage
UL Voltage Rating
300 V RMS
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-40°C To +75°C
Bend Radius
Stationary Min. Installation Min.
3 in (76 mm)
3 in (76 mm)
Max. Pull Tension:
135 lbs (61.2 kg)
Bulk Cable Weight:
61 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Reaction to
Fire:
UL1666 Vertical Shaft, FT4, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance: CMG
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation
Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com