Electronic Components Datasheet Search
  English  ▼

X  

8214 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8214
Description  50 Ohm Wireless Transmission Coax, RG-8, 11 AWG Str BC, 95% BC Braid,PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8214 Datasheet(HTML) 2 Page - Belden Inc.

  8214 Datasheet HTML 1Page - Belden Inc. 8214 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.2 Ohm/1000ft
1.1 Ohm/1000ft (3.6 Ohm/km) 26 pF/ft (85 pF/m)
50 Ohm
78%
Voltage
UL Voltage Rating
300 V (CM), 30 V (UL AWM 1354)
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C (UL AWM 1354) -40°C to +80°C
Bend Radius
Installation Min.
4.0 in (100 mm)
Max. Pull Tension:
230 lbs (100 kg)
Bulk Cable Weight:
107 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor/Outdoor, Indoor, Aerial - Black only, When supported by messenger wire
Sustainability:
CA Prop 65
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
CM
AWM Compliance:
AWM 1354
CEC / C(UL) Compliance:
CM
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.378 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
Footnote
8214 010100
Black
Reel
100 ft
612825196228 C
8214 010500
Black
Reel
500 ft
612825358015 C
8214 0101000 Black
Reel
1,000 ft 612825196235 C
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com