Electronic Components Datasheet Search
  English  ▼

X  

8237 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8237
Description  50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8237 Datasheet(HTML) 1 Page - Belden Inc.

  8237 Datasheet HTML 1Page - Belden Inc. 8237 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8237
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,
PVC Jkt, CMH
Product Description
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG (7x21) Bare Copper Conductor , PE Insulation, 95% Bare Copper Braid Shield, PVC Jacket, CMH
Technical Specifications
Product Overview
Suitable Applications:
Point-to-point and point-to-multipoint wireless antenna communication; Wireless microphones, Two-Way Radios, Amateur (Ham) Radio, Low Power FM, GPS, RFID (Radio
Frequency Identification)
Construction Details
RG Type:
8
Conductor
Size
Stranding Nom. Diameter
Material
13 AWG 7x21
0.085 in
BC - Bare Copper
Insulation
Material
Nom. Insulation Diameter Color Code
PE - Polyethylene 0.285 in (7.24 mm)
White
Outer Shield
Outer Shield Type
Material
Coverage
Braid
Bare Copper (BC) 95%
Outer Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 0.403 in (10.2 mm)
Overall Cable Diameter
(Nominal):
0.403 in (10.2 mm)
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
0.2 dB/100ft
10 MHz
0.6 dB/100ft
50 MHz
1.3 dB/100ft
100 MHz
1.9 dB/100ft
200 MHz
2.8 dB/100ft
400 MHz
4.2 dB/100ft
700 MHz
5.9 dB/100ft
900 MHz
6.9 dB/100ft
1000 MHz
7.4 dB/100ft
4000 MHz
23.2 dB/100ft
Power Rating
Frequency Max. Power Rating


Similar Part No. - 8237

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8237 FILTRAN-8237 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8237 APITECH-8237 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
3M Electronics
8237-6000 3M-8237-6000 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
8237-6000 3M-8237-6000 Datasheet
800Kb / 4P
3M D Sub Plug Plug Connector
15-Feb-2010
8237-6003 3M-8237-6003 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
More results

Similar Description - 8237

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
1172A BELDEN-1172A Datasheet
169Kb / 2P
Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible
01-20-2023
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com