Electronic Components Datasheet Search
  English  ▼

X  

8267 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8267
Description  Mil-Spec Coax, 50 Ohm, RG-213, 13 AWG Str BC, 95% BC Braid, PVC Jkt,CMX, Commercial Non-QPL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8267 Datasheet(HTML) 2 Page - Belden Inc.

  8267 Datasheet HTML 1Page - Belden Inc. 8267 Datasheet HTML 2Page - Belden Inc. 8267 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Frequency Max. Power Rating
1 MHz
9,295 W
10 MHz
2,761 W
50 MHz
1,122 W
100 MHz
748 W
200 MHz
494 W
400 MHz
326 W
700 MHz
235 W
900 MHz
205 W
1,000 MHz
194 W
4,000 MHz
110 W
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
1.7 Ohm/1000ft
1.2 Ohm/1000ft (3.9 Ohm/km) 30.8 pF/ft (101 pF/m)
50 Ohm
66%
Voltage
UL Voltage Rating
Voltage Rating
300 V (CMX), 30 V (UL AWM 1354) 3700 V (Mil-Spec)
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C (UL AWM 1354) -40°C to +80°C
Bend Radius
Installation Min.
4 in (100 mm)
Max. Pull Tension:
184 lbs (83.5 kg)
Bulk Cable Weight:
104 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor (Not Riser or Plenum), Indoor, Aerial - Black only, When supported by messenger wire
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
VW-1
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
CMX
AWM Compliance:
AWM 1354
CEC / C(UL) Compliance:
CMX
Military Compliance:
Commercial, non-QPL product (M17/163-00001)
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.518 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
Footnote
8267 010500
Black
Reel
500 ft
612825197539 C
8267 0101000 Black
Reel
1,000 ft 612825428411 C
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com