Electronic Components Datasheet Search
  English  ▼

X  

ACT41000-101 Datasheet(PDF) 48 Page - Qorvo, Inc

Part # ACT41000-101
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-101 Datasheet(HTML) 48 Page - Qorvo, Inc

Back Button ACT41000-101 Datasheet HTML 44Page - Qorvo, Inc ACT41000-101 Datasheet HTML 45Page - Qorvo, Inc ACT41000-101 Datasheet HTML 46Page - Qorvo, Inc ACT41000-101 Datasheet HTML 47Page - Qorvo, Inc ACT41000-101 Datasheet HTML 48Page - Qorvo, Inc ACT41000-101 Datasheet HTML 49Page - Qorvo, Inc ACT41000-101 Datasheet HTML 50Page - Qorvo, Inc ACT41000-101 Datasheet HTML 51Page - Qorvo, Inc ACT41000-101 Datasheet HTML 52Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Executing Protections
The ACT41000 integrates multiple levels of device protections. Each level of protection behavior is explained in following
sections in the order of severity.
Protection Level 1
The level 1 protection is a complete shutdown of the device except very minimum functions.
When following protections are triggered, the device stops its entire function except UVLO and OVLO blocks because the
input voltage VIN (and PVIN) is out of acceptable operation range.
See Recommended Operating Conditions.
• Under-Voltage Lock-Out
• Over-Voltage Lock-Out
This level 1 protection status continues until both UVLO and OVLO are released.
The OVLO does not protect the device from any potential damage caused by over-voltage events.
See Note of Absolute Maximum Rating.
Protection Level 2
The level 2 protection is a whole device reset of the device by executing an auto-restart procedure.
When following protections are triggered, the device executes the Reset Sequence because the device cannot continue its
normal operations safely.
• Mini-buck Over-Current Protection
• Mini-buck Over-Voltage Protection
• Mini-buck Under-Voltage Protection
• AUX LDO Under-Voltage Protection
• Hard TSD
Reset Sequence
1. Stop the Mini-buck Regulator and Auxiliary LDO.
2. Start a logic timer of the tD(RESET) reset blanking period.
3. Restart the Mini-buck Regulator at the time out of "2." timer.
Protection Level 3
The level 3 protection is a latch-OFF of the Main-buck Regulator function.
When following protections are triggered, the device turns OFF the Main-buck Regulator and remains OFF until the iEN
signal becomes logic-L. This latch-OFF status is just like a device waiting for an enable trigger even though iEN maintains
logic-H from the timing of event caused this latch-OFF state.
• Latch-off Operation
• SYNC Input Error Latch-off Operation
• Over-Voltage Protection
• Over-Current Protection
Protection Level 4
The level 4 protection is a temporary disable of the Main-buck Regulator function, with an auto-restart. Or it is so called a
"hiccup" operation.
When following protections are triggered, the device turns OFF the Main-buck Regulator for the tW(HICCUP) period and retry
to activate the main-buck. When a cause of protection remains, another disable cycle is repeated for another tW(HICCUP)
period.
• Hiccup Operation
• SYNC Input Error Hiccup Operation
• Soft TSD
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
48
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com