Electronic Components Datasheet Search
  English  ▼

X  

QPC2040 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPC2040
Description  X-Band 10 W GaN SPDT Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2040 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPC2040 Datasheet HTML 9Page - Qorvo, Inc QPC2040 Datasheet HTML 10Page - Qorvo, Inc QPC2040 Datasheet HTML 11Page - Qorvo, Inc QPC2040 Datasheet HTML 12Page - Qorvo, Inc QPC2040 Datasheet HTML 13Page - Qorvo, Inc QPC2040 Datasheet HTML 14Page - Qorvo, Inc QPC2040 Datasheet HTML 15Page - Qorvo, Inc QPC2040 Datasheet HTML 16Page - Qorvo, Inc QPC2040 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
QPC2040
X-Band 10 W GaN SPDT Switch
Data Sheet Rev C. Nov. 23, 2021 | Subject to change without notice
13 of 18
www.qorvo.com
®
Application Circuit
Notes:
1.
This switch can be configured as a Single Pole, Single Throw (SPST) by terminating one unused RF switched port with a 50
Ohm load.
2.
VC can be biased from either pin 1 or 6 and the non-biased pin can be left open.
3.
VC_N can be biased from either pin 5 or 18 and the non-biased pin can be left open.
4.
External components are not required
Bias Up Procedure
1. VC or VC_N set to 0 V (see Function Table for RF Path)
2. VC_N or VC set to -28 V (see Function Table for RF Path)
3. Apply RF signal to RF Input
Bias Up Down
1. Turn off RF supply
2. Turn VC_N or VC to 0 V
3. Turn VC or VC_N to 0 V
Function Table
RF Path
State
VC
VC_N
RFC to RF1 ON
On-State (Insertion Loss)
0 V
−28 V
Off-State (Isolation)
−28 V
0 V
RFC to RF2 ON
On-State (Insertion Loss)
−28 V
0 V
Off-State (Isolation)
0 V
−28 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com