Electronic Components Datasheet Search
  English  ▼

X  

QPC8014Q Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPC8014Q
Description  SP6T Switch For LTE Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC8014Q Datasheet(HTML) 1 Page - Qorvo, Inc

  QPC8014Q Datasheet HTML 1Page - Qorvo, Inc QPC8014Q Datasheet HTML 2Page - Qorvo, Inc QPC8014Q Datasheet HTML 3Page - Qorvo, Inc QPC8014Q Datasheet HTML 4Page - Qorvo, Inc QPC8014Q Datasheet HTML 5Page - Qorvo, Inc QPC8014Q Datasheet HTML 6Page - Qorvo, Inc QPC8014Q Datasheet HTML 7Page - Qorvo, Inc QPC8014Q Datasheet HTML 8Page - Qorvo, Inc QPC8014Q Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
QPC8014Q
SP6T Switch For LTE Applications
QPC8014Q Datasheet Rev B | Subject to change without notice
1 of 19
www.qorvo.com
Ordering Information
PART NO.
DESCRIPTION
QPC8014QSB
5-pc Sample Bag
QPC8014QSR
100-pc, 7” Reel
QPC8014QTR13
10,000-pc, 13” Reel
QPC8014QDK
Design Kit including EVB + SB
Product Description
The QPC8014Q is a low loss, high isolation SP6T switch with
performance optimized for LTE and diversity applications. The
QPC8014Q is packaged in an ultra compact 1.1mm x 1.9mm x
0.44mm, 13-pin, Module package which allows for the smallest
solution size with no need for external DC blocking capacitors
(when no external DC is applied to the device ports).
Functional Block Diagram
13 Pin 1.1 x 1.9 x 0.44 mm Module Package
Feature Overview
•
Qualified to AEC-Q100 Grade 3
•
Excellent insertion loss and isolation performance
o 0.33dB Typ IL, Band 5
o 45dB Typ Isolation, Band 5
•
Multi-Band operation from 617MHz to 6000MHz
•
RFFE 2.0 compatible
•
DC blocking capacitors are not required in typical
applications
Applications
•
Automotive Telematics Modules
LTE and Diversity Applications


Similar Part No. - QPC8014Q

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC8010Q QORVO-QPC8010Q Datasheet
549Kb / 11P
Automotive SPDT SWITCH
QPC8010QPCK401 QORVO-QPC8010QPCK401 Datasheet
549Kb / 11P
Automotive SPDT SWITCH
QPC8010QSB QORVO-QPC8010QSB Datasheet
549Kb / 11P
Automotive SPDT SWITCH
QPC8010QSQ QORVO-QPC8010QSQ Datasheet
549Kb / 11P
Automotive SPDT SWITCH
QPC8010QSR QORVO-QPC8010QSR Datasheet
549Kb / 11P
Automotive SPDT SWITCH
More results

Similar Description - QPC8014Q

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
SP6T Switch
PE71S6187 PASTERNACK-PE71S6187 Datasheet
418Kb / 4P
SP6T Switch
PE71S6188 PASTERNACK-PE71S6188 Datasheet
463Kb / 4P
SP6T Switch
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
SP6T Switch
PE71S6197 PASTERNACK-PE71S6197 Datasheet
452Kb / 4P
SP6T Switch
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
SP6T Switch
logo
Infineon Technologies A...
BGS16MA12 INFINEON-BGS16MA12 Datasheet
555Kb / 16P
MIPI 2.0 SP6T switch for LTE diversity, Tx and LAA applications
Revision 1.1 2018-09-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com