Electronic Components Datasheet Search
  English  ▼

X  

QPP0100 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPP0100
Description  X Band 100 W VPIN Limiter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPP0100 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPP0100 Datasheet HTML 1Page - Qorvo, Inc QPP0100 Datasheet HTML 2Page - Qorvo, Inc QPP0100 Datasheet HTML 3Page - Qorvo, Inc QPP0100 Datasheet HTML 4Page - Qorvo, Inc QPP0100 Datasheet HTML 5Page - Qorvo, Inc QPP0100 Datasheet HTML 6Page - Qorvo, Inc QPP0100 Datasheet HTML 7Page - Qorvo, Inc QPP0100 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QPP0100
X-Band 100 W VPIN Limiter
Data Sheet Rev. B, Jan 24, 2022 | Subject to change without notice
2 of 8
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Incident Power, Pulsed1, 50
, 85 °C
50 dBm
Incident Power, CW, 50
, 85 °C
44 dBm
Mounting Temperature (30 s max)
260 °C
Storage Temperature
-55 to 150 °C
Note:
1 Pulse conditions: PW = 100 us, Duty Cycle = 10%
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
 (1)
Min
Typ.
Max
Units
Operational Frequency Range
6
12
GHz
Insertion Loss
6.0 GHz - 9.5 GHz
-
0.6
-
dB
9.5 GHz - 10.5 GHz
-
0.75
-
10.5 GHz - 11.5 GHz
-
1.0
-
11.5 GHz - 12.0 GHz
-
1.2
-
Input Return Loss
10
dB
Output Return Loss
12
dB
Flat Leakage
21.0
dBm
Power Handling
Pulsed, PW = 100µS,
Duty Cycle = 10%, 85° C
50
dBm
Power Handling
CW, 85° C
44
dBm
Pulse Recovery Time
200
ns
Spike Leakage
22
dBm
Insertion Loss Temperature Coefficient
0.002
dB/ °C
Notes:
1. Test conditions unless otherwise noted: Data de-embedded to reference lines at package leads.
Temp = +25 °C.
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Incident Power
(RF Operational Life Test 1)
10 GHz Pulsed, PW=100 us, DC=10%, 50
, 85 °C
49
dBm
Incident Power
(RF Operational Life Test 1)
10 GHz CW, 50
, 85 °C
39
dBm
Notes:
1. Test terminated after 168 hours.
Recommended Operating Conditions
Parameter
Min
Typ.
Max
Units
Passive
– No Bias Required
Temperature Range
-40
+25
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com