Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1012 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXCT1012
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1012 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCT1012 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 8Page - Zetex Semiconductors ZXCT1012 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Recommended operating conditions
Electrical characteristics
Test conditions Tamb = 25°C, VIN = VSENSE+ = 5V, unless otherwise stated
Symbol
Recommended parameter
Limits
Min.
Max.
Units
VIN
Sense+ range
2.5
20
V
TA
Ambient temperature range differential
-40
85
°C
VSENSE
Sense voltage
10
2500
mV
VOUT
Output voltage swing
0
VSENSE- -1.5
V
Symbol Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
IOUT
Output current
VSENSE = 0V
0
0.3
15
A
VSENSE = 10mV
85
100
115
A
VSENSE = 40mV
380
400
420
A
VSENSE = 100mV
0.975
1.00
1.025
mA
VSENSE = 200mV
1.95
2.00
2.05
mA
IQ
Ground pin current VSENSE = 0V
3.5
8
A
ISENSE-
SENSE- pin input
current
100
nA
Acc
Accuracy
RSENSE = 0.1V
VSENSE = 200mV
-2.5
2.5
%
Gm
Transconductance,
IOUT/VSENSE
(*)
10
mA/V
Tc
Temperature
coefficient
VSENSE = 200mV
Tamb = 0 to 50°C
(*)
NOTES:
(*) Temperature dependent measurements are extracted from characterisation and simulation results.
(‡) With the ZXCT1012 using SENSE+ as its power supply pin, common mode rejection cannot be distinguished from
power supply rejection.
500
ppm/
°C
BW
Bandwidth
CL = 5pF,
ROUT = 1k
VSENSE = 10mV
VSENSE = 100mV
300
2
kHz
MHz
CMRR(‡) Common mode
rejection ratio
VSENSE = 100mV, ROUT = 1k
VIN = 2.5V to 20V
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com