Electronic Components Datasheet Search
  English  ▼

X  

8261 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8261
Description  Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8261 Datasheet(HTML) 1 Page - Belden Inc.

  8261 Datasheet HTML 1Page - Belden Inc. 8261 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8261
Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
Product Description
18 AWG stranded (7x26) .048" tinned copper conductor, polyethylene insulation, bare copper braid shield (95% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
SDI coax
Construction Details
RG Type:
11
Conductor
No. of Elements
Size
Stranding Nom. Diameter
Material
1
18 AWG 7x26
0.048 in
TC - Tinned Copper
Insulation
Material
Nom. Insulation Diameter Color Code
PE - Polyethylene 0.285 in (7.24 mm)
White
Outer Shield
Outer Shield Type
Material
Coverage
Braid
Bare Copper (BC) 95%
Outer Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride (Non-Contaminating) 0.405 in (10.3 mm)
Overall Cable Diameter (Nominal):
0.405 in (10.3 mm)
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
0.2 dB/100ft
10 MHz
0.7 dB/100ft
50 MHz
1.3 dB/100ft
100 MHz
2 dB/100ft
200 MHz
2.9 dB/100ft
400 MHz
4.2 dB/100ft
700 MHz
5.8 dB/100ft
900 MHz
6.8 dB/100ft
1000 MHz
7.1 dB/100ft
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
6.1 Ohm/1000ft (20
Ohm/km)
1.2 Ohm/1000ft (3.9 Ohm/km) 20.5 pF/ft (67.3 pF/m)
75 Ohm
66%


Similar Part No. - 8261

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8261 FILTRAN-8261 Datasheet
172Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
Mallory performance clu...
8261 MALLORY-8261 Datasheet
289Kb / 4P
MSD HVC-2 Coil
logo
API Technologies Corp
8261 APITECH-8261 Datasheet
589Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Santronics Inc
8261 SCS-8261 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
API Technologies Corp
8261-8263 APITECH-8261-8263 Datasheet
589Kb / 1P
10/100 BASE-T Single Port Transformer Module
More results

Similar Description - 8261

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
1172A BELDEN-1172A Datasheet
169Kb / 2P
Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible
01-20-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com