Electronic Components Datasheet Search
  English  ▼

X  

8263 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8263
Description  Analog Video, RG59, #23 Solid BCCS, 95% BC Braid, PVC Jacket, CMX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8263 Datasheet(HTML) 1 Page - Belden Inc.

  8263 Datasheet HTML 1Page - Belden Inc. 8263 Datasheet HTML 2Page - Belden Inc. 8263 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8263
Analog Video, RG59, #23 Solid BCCS, 95% BC Braid, PVC Jacket, CMX
Product Description
23 AWG solid bare copper-covered steel conductor, polyethylene insulation, bare copper braid shield (95% coverage), PVC jacket.
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Coax
23
Solid
BCCS - Bare Copper Covered Steel 0.023 in
1
Conductor Count:
1
Insulation
Material
Nominal Diameter
PE - Polyethylene 0.146 in
Outer Shield
Type
Material
Coverage [%]
Braid Bare Copper (BC) 95%
Outer Jacket
Material
Nominal Diameter
PVC - Polyvinyl Chloride (Non-Contaminating) 0.241 in
Electrical Characteristics
Conductor DCR
Nominal Conductor
DCR
Nominal Conductor DCR Conductor Resistance Nominal Outer Shield DCR Outer Conductor DCR
49 Ohm/1000ft
49 Ohm/1000ft
2.6 Ohm/1000ft
2.6 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Shield
20.5 pF/ft
Inductance
Nominal Inductance
0.115 µH/ft
Impedance
Nominal Characteristic Impedance
75 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.6 dB/100ft
10 MHz
1.1 dB/100ft


Similar Part No. - 8263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8263 ETC1-8263 Datasheet
149Kb / 3P
3-INPUT 4-BIT DIGITAL MULTIPLEXER
logo
Filtran LTD
8263 FILTRAN-8263 Datasheet
172Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
API Technologies Corp
8263 APITECH-8263 Datasheet
589Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Santronics Inc
8263 SCS-8263 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
FIBOX Enclosing innovat...
8263020 FIBOX-8263020 Datasheet
47Kb / 1P
Front Plate with DIN openings, for enclosures
26.07.2023
More results

Similar Description - 8263

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com