Electronic Components Datasheet Search
  English  ▼

X  

9165 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9165
Description  Composite ENG, EFP and CCTV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9165 Datasheet(HTML) 2 Page - Belden Inc.

  9165 Datasheet HTML 1Page - Belden Inc. 9165 Datasheet HTML 2Page - Belden Inc. 9165 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Shield
51 pF/ft
17.3 pF/ft
Inductance
Nominal Inductance
0.09 µH/ft
Impedance
Nominal Characteristic Impedance
75 Ohm
35 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.3 dB/100ft
5 MHz
0.7 dB/100ft
10 MHz
1 dB/100ft
50 MHz
2.1 dB/100ft
100 MHz
3 dB/100ft
400 MHz
7.4 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.3 ns/ft
78%
58%
Voltage
UL Voltage Rating
30 V RMS
Temperature Range
Non-UL Temp Rating:
60°C
Operating Temperature Range:
-30°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
85 lbs/1000ft
Max. Pull Tension:
147 lbs
Min. Bend Radius/Minor Axis:
3 in
Standards
NEC/(UL) Compliance:
CL2X
UL AWM Style Compliance:
AWM 20006
RG Type:
59
Applicable Environmental and Other Programs
Environmental Space:
Outdoor - Aerial
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
Yes
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Aerial:
Yes - Black only, when supported by messenger wire
Suitability - Burial:
No
Suitability - Hazardous Locations:
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com