Electronic Components Datasheet Search
  English  ▼

X  

9221 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9221
Description  Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9221 Datasheet(HTML) 2 Page - Belden Inc.

  9221 Datasheet HTML 1Page - Belden Inc. 9221 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
100 Ohm/1000ft (330 Ohm/km) 11.7 Ohm/1000ft (38.4 Ohm/km) 17.3 pF/ft (56.8 pF/m)
75 Ohm
78%
Voltage
UL Voltage Rating
30 V RMS
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-30°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
0.25 in (6.4 mm) 0.25 in (6.4 mm)
Max. Pull Tension:
65.4 lbs (29.7 kg)
Bulk Cable Weight:
6 lbs/1000ft
Standards and Compliance
Environmental
Suitability:
Indoor/Outdoor, Indoor, Outdoor
Flammability /
Reaction to Fire:
IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
AWM Compliance:
AWM 1375 (30 V 60°C)
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation
Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Product Notes
Notes:
(1)RG Type :-In Stibo it was Ultra Miniature 59 But in BPCS it is not there. (2)# Elements@Conductor1:-In Stibo it was Blank and now changed to 1. (3)Size@Conductor1 :-In Stibo it was
30 now changed to 30AWG (4)Color@Color Chart1 01 :- In stibo it was Blank now Changed to White (5)Coverage@OuterShield1 2 - in stibo it was 90% Now changed to 88% (6)Cable
Diameter (Nominal)- In Stibo it was Blank Now Changed to 0.097 in
History
Update and Revision:
Revision Number: 0.435 Revision Date: 04-04-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
9221 010100
Black
Reel
100 ft
612825358848
9221 010500
Black
Reel
500 ft
612825358152
9221 010U500 Black
UnReel
500 ft
612825358862
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com