Electronic Components Datasheet Search
  English  ▼

X  

9240 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9240
Description  Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9240 Datasheet(HTML) 2 Page - Belden Inc.

  9240 Datasheet HTML 1Page - Belden Inc. 9240 Datasheet HTML 2Page - Belden Inc. 9240 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.6 dB/100ft
10 MHz
1 dB/100ft
50 MHz
2.1 dB/100ft
100 MHz
3 dB/100ft
200 MHz
4.5 dB/100ft
400 MHz
6.6 dB/100ft
700 MHz
8.9 dB/100ft
900 MHz
10.1 dB/100ft
1000 MHz
10.9 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.3 ns/ft
78%
Voltage
Non-UL Voltage Rating
300 V RMS
Temperature Range
Non-UL Temp Rating:
75°C
Operating Temperature Range:
-40°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
28 lbs/1000ft
Max. Pull Tension:
76 lbs
Min. Bend Radius/Minor Axis:
2.5 in
Standards
RG Type:
59
Series Type:
59
Applicable Environmental and Other Programs
Environmental Space:
Indoor/Outdoor
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS
2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS
2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
UPC
9240 0101000 Black
Reel
1,000 ft 612825357711
Product Notes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com