Electronic Components Datasheet Search
  English  ▼

X  

ACF040 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # ACF040
Description  Fast-Acting Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

ACF040 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  ACF040 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead & Cartridge Fuse
|
89
ACF
Fast-Acting Fuse
Electrical Characteristics
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
ACF 035
35A
500V
0.00328
485
ACF 040
40A
0.00265
664
Interrupting Rating
35A - 40A:
10,000 amperes at 500V AC
10,000 amperes at 500V DC
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic /
Caps: Tin Plated Copper
Alloy
7.0Ø x 32.5 mm
Packaging
Packaging Option
Quantity
Bulk
70 pcs / set
26 set / box
Ampere
Rating
Opening Time
1 ln
2 In
10 In
MIN
MAX
MAX
35A - 40A
4 hr
4 min
1 sec
Mechanical Dimensions (mm)
ACF
18.05±0.9
32.55±0.7
0.9±0.15
0.5±0.1
7.08±0.3
7±0.2
2.34±0.2
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
35A - 40A
TUV
35A - 40A


Similar Part No. - ACF040

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Minmax Technology Co., ...
ACF-10 MINMAX-ACF-10 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S03 MINMAX-ACF-10S03 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S05 MINMAX-ACF-10S05 Datasheet
562Kb / 3P
AC/DC Power Module 10W
More results

Similar Description - ACF040

ManufacturerPart #DatasheetDescription
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
Cooper Bussmann, Inc.
BK-GMT-1A COOPER-BK-GMT-1A Datasheet
182Kb / 2P
Fast-Acting Indicating Telecom Fuse
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
Fast-Acting Indicating Telecom Fuse
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
logo
Eaton All Rights Reserv...
GMW EATON-GMW Datasheet
185Kb / 2P
Specialty fuse fast-acting and fuse holder
1025FA EATON-1025FA Datasheet
515Kb / 2P
Fast-acting surface mount fuse
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com