Electronic Components Datasheet Search
  English  ▼

X  

ALC Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # ALC
Description  Designed for over-current protection in high voltage applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

ALC Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  ALC Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Fuse | 95
ALC
14.6Ø x 38.5 mm
Designed for over-current protection in
high voltage applications
Interrupting Rating
25A - 63A:
500 amperes at 125V DC
1,500 amperes at 600V AC
2,000 amperes at 250V AC
90A:
1,500 amperes at 500V AC
Agency Approvals
Electrical Characteristics
Packaging
Packaging Option
Quantity
Bulk
60 pcs / box
Agency
Ampere Rating
Recognized Component
for Canada and US
25A - 90A
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic /
Caps: Nickel Plated
Copper Alloy /
Terminal: Tin Plated
Copper
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
ALC 063
63A
250V / 600V
0.0013
9892.95
ALC 090
90A
500V
0.00085
9234.00
Ampere
Rating
Opening Time
1 In
2 In
MIN
MAX
25A - 63A
4 hr
120 sec
90A
4 hr
360 sec
Mechanical Dimensions(mm)
1.0±0.1
32.0±0.5
63A: 38.5±1.0
90A: 39.5±1.5
2.0±0.2
8.0±0.2
18.0±0.3
ALC


Similar Part No. - ALC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALC ARCH-ALC Datasheet
262Kb / 3P
Switching Power Module for PCB Mountable
ALC-12S ARCH-ALC-12S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-14S ARCH-ALC-14S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-15S ARCH-ALC-15S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-24S ARCH-ALC-24S Datasheet
262Kb / 3P
A C -D C Power Module
More results

Similar Description - ALC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
Over Current Voltage Protection
ENH-0635A ETC2-ENH-0635A Datasheet
1Mb / 2P
Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
Over Current Voltage Protection
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
Over Current Voltage Protection
ENS-0748 ETC2-ENS-0748 Datasheet
902Kb / 2P
Over Current Voltage Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
short circuit, over voltage protection, over current protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com