Electronic Components Datasheet Search
  English  ▼

X  

AMC Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # AMC
Description  Suitable for the telecommunications industry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

AMC Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  AMC Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
96 | Power Fuse
AMC
14.6Ø x 22.3 mm
Suitable for the telecommunications
industry
Electrical Characteristics
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
30A - 125A
Interrupting Rating
100,000 amperes at 170V DC
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Cap: Nickel Plating/
Tin Plating
(only AMC-LSE Series)
Body: Ceramic
Terminal: Copper
(Tin Plating)
Packaging
Packaging Option
Quantity
Bulk
10 pcs / box
Ampere
Rating
Opening Time
1 ln
1.35 In
2 In
MIN
MAX
MAX
31A - 60A
4 hr
1 hr
6 min
61A - 100A
4 hr
2 hr
8 min
101A - 125A
4 hr
--
10 min
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
Version
AMC 040
40A
170V
0.00156
1974
-LS/-V
AMC 050
50A
0.00123
4139
AMC 060
60A
0.00090
6454
AMC 080
80A
0.00074
8236
AMC 100
100A
0.00057
10250
AMC 125
125A
0.00041
14633
-LSE
* I²t test at 170V short circuit
Mechanical Dimensions(mm)
AMC-V
18.78±0.52
ref.
9.45
AMC-LS
12.7±0.2
3.9±0.1
14.6±0.2
0.8±0.1
23.96±0.52
AMC-LSE
0.8±0.1
24.00±0.57
3.97±0.10
14.6±0.2
12.7±0.2
13.7±0.2


Similar Part No. - AMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
logo
Ohmite Mfg. Co.
AMC OHMITE-AMC Datasheet
550Kb / 3P
Thick Film Automotive Grade Chips
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
Ultraminiature Product Series
logo
List of Unclassifed Man...
AMC-10 ETC-AMC-10 Datasheet
104Kb / 1P
Micro EM Clutch
AMC-1000 ETC2-AMC-1000 Datasheet
532Kb / 2P
Onboard 4 GB flash and graphics controller
More results

Similar Description - AMC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-820 AXIOMTEK-NA-820 Datasheet
147Kb / 1P
Suitable for VPN
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
Ferrite Components for the Electronics Industry
logo
KODENSHI_AUK CORP.
SG128 KODENSHI-SG128 Datasheet
142Kb / 3P
The most suitable detection distance
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
The BT152 is suitable for motor control
logo
NEC
UM4730 NEC-UM4730 Datasheet
122Kb / 2P
Unified Messaging for the Lodging Industry
logo
eleflow technologies co...
2SC2312 ELEFLOW-2SC2312 Datasheet
117Kb / 2P
Especially suitable for the output stage of 27MHz 4W AM
logo
Turck, Inc.
BC20-K40WDTC-VP4X2 TURCK-BC20-K40WDTC-VP4X2 Datasheet
352Kb / 3P
Capacitive sensor For the food industry
logo
Bel Fuse Inc.
MTT-300 BEL-MTT-300 Datasheet
793Kb / 2P
Solutions for the Heavy Duty Machine Industry
logo
Endress+Hauser Group Se...
CLD18 EH-CLD18 Datasheet
818Kb / 16P
Compact inductive conductivity measurement for the food and beverage industry
2021-06-30
CPS61E EH-CPS61E Datasheet
508Kb / 12P
pH sensor for bioreactors in life sciences and for the food industry
2021-10-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com