Electronic Components Datasheet Search
  English  ▼

X  

AST Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # AST
Description  Mini-Blade Type, Transparent Body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

AST Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  AST Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuse Accessories | 99
Blade Type, Transparent Body
AST
Mini-Blade Type, Transparent Body
ATQ
Ampere Rating
Body Color
Voltage Rating
2 A
Gray
32 V
3 A
Violet
4 A
Light Pink
5 A
Tan
7.5 A
Brown
10 A
Red
15 A
Light Blue
20 A
Yellow
25 A
Natural
30 A
Light Green
Ampere Rating
Body Color
Voltage Rating
2 A
Gray
32 V
3 A
Violet
4 A
Pink
5 A
Tan
7.5 A
Brown
10 A
Red
15 A
Light Blue
20 A
Yellow
25 A
Natural
30 A
Light Green
35 A
Purple


Similar Part No. - AST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
logo
PUI audio inc.
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
More results

Similar Description - AST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCH
logo
List of Unclassifed Man...
441-EPD115 ETC2-441-EPD115 Datasheet
121Kb / 1P
PCB Mount AST Mini Blade
logo
Littelfuse
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
logo
Texas Instruments
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCHES
logo
Cooper Bussmann, Inc.
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
Blade-Type Fuses
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES
logo
NTE Electronics
74-MAF2A NTE-74-MAF2A Datasheet
5Mb / 1P
Miniature Blade Type
logo
Cooper Bussmann, Inc.
MAX COOPER-MAX Datasheet
78Kb / 1P
Blade-Type Fuses
MAX-20 COOPER-MAX-20 Datasheet
78Kb / 1P
Blade-Type Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com