Electronic Components Datasheet Search
  English  ▼

X  

AFP-A005 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # AFP-A005
Description  Fast-Acting Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

AFP-A005 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  AFP-A005 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78 |
Axial Lead & Cartridge Fuse
Interrupting Rating
500mA - 10A:
10,000 amperes at 125V AC
500mA - 1A:
35 amperes at 250V AC
1.2A - 3.5A:
100 amperes at 250V AC
3.75A - 10A:
200 amperes at 250V AC
12A - 30A:
300 amperes at 32V AC
200 amperes at 125V AC
100 amperes at 250V AC
AFE/AFP-A
6.3Ø x 32 mm
Agency Approvals
Electrical Characteristics
Fast-Acting Fuse
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Glass /
Caps: Nickel Plated Brass
Leads Wire
Ø0.8 mm 12A and less.
Ø1.0 mm for rating above
13A to 19A.
Ø1.2 mm for rating above
20A.
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
AFE / AFP-A .500
500mA
250V
0.5955
0.1603
AFE / AFP-A .600
600mA
0.4523
0.2013
AFE / AFP-A .630
630mA
0.4287
0.2143
AFE / AFP-A .700
700mA
0.3500
0.2646
AFE / AFP-A .750
750mA
0.3133
0.3544
AFE / AFP-A .800
800mA
0.2668
0.4032
AFE / AFP-A 001
1A
0.1978
0.7200
AFE / AFP-A 1.20
1.2A
0.1445
1.1664
AFE / AFP-A 1.50
1.5A
0.1165
1.8225
AFE / AFP-A 1.60
1.6A
0.0979
2.0736
AFE / AFP-A 002
2A
0.0716
5.7154
AFE / AFP-A 2.50
2.5A
0.0572
8.7581
AFE / AFP-A 003
3A
0.0422
13.885
AFE / AFP-A 3.15
3.15A
0.0401
13.926
AFE / AFP-A 3.20
3.2A
0.0396
14.280
AFE / AFP-A 3.50
3.5A
0.0350
18.879
AFE / AFP-A 004
4A
0.0313
26.208
AFE / AFP-A 4.50
4.5A
0.0252
38.088
AFE / AFP-A 005
5A
0.0230
49.968
AFE / AFP-A 006
6A
0.0205
70.378
AFE / AFP-A 6.30
6.3A
0.0172
84.199
AFE / AFP-A 007
7A
0.0158
111.50
AFE / AFP-A 7.50
7.5A
0.0148
124.87
AFE / AFP-A 008
8A
0.0136
137.35
AFE / AFP-A 010
10A
0.0107
209.95
AFE / AFP-A 012
12A
32V
0.0085
362.88
AFE / AFP-A 013
13A
0.0074
425.88
AFE / AFP-A 015
15A
0.0064
583.20
AFE / AFP-A 016
16A
0.0062
615.00
AFE / AFP-A 018
18A
0.0049
933.12
AFE / AFP-A 020
20A
0.0045
1080.0
AFE / AFP-A 025
25A
0.0036
2475.0
AFE / AFP-A 030
30A
0.0024
4412.9
Ampere
Rating
Opening Time
1 ln
1.35 In
2 In
MIN
MAX
MAX
500mA - 30A
4 hr
1 hr
5 sec
Above 30A
4 hr
1 hr
120 sec
Agency
Ampere Rating
UL Listed
500mA - 10A
UL Recognized
12A - 30A
CSA Certified
500mA - 30A
PSE
AFE: 1A - 10A (250V)
1A - 5A (125V / 32V)
AFP-A: 1A - 10A
Packaging
Packaging Option
Quantity
Bulk
AFE: 500 pcs / box
AFP-A: 250 pcs / box
Mechanical Dimensions (mm)
31.75±0.75
33.0±0.75
38.0±2.0
AFE
AFP-A


Similar Part No. - AFP-A005

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AFP-6123 AAEON-AFP-6123 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6123HTT-A1-1010 AAEON-AFP-6123HTT-A1-1010 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6152 AAEON-AFP-6152 Datasheet
288Kb / 2P
15??Stainless Fanless Touch Panel Computer With Intel Atom D525 Processor, 2G RAM
More results

Similar Description - AFP-A005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
Cooper Bussmann, Inc.
BK-GMT-1A COOPER-BK-GMT-1A Datasheet
182Kb / 2P
Fast-Acting Indicating Telecom Fuse
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
Fast-Acting Indicating Telecom Fuse
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
logo
Eaton All Rights Reserv...
GMW EATON-GMW Datasheet
185Kb / 2P
Specialty fuse fast-acting and fuse holder
1025FA EATON-1025FA Datasheet
515Kb / 2P
Fast-acting surface mount fuse
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com