Electronic Components Datasheet Search
  English  ▼

X  

MMT Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # MMT
Description  8.35 x 3.95 x 5.0 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

MMT Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  MMT Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50 |
Subminiature Fuse
MMT
8.35 x 3.95 x 5.0 mm
Electrical Characteristics
Ampere
Rating
Opening Time
1.5 ln 2.1 ln
2.75 ln
4 ln
10 ln
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
50mA - 6.3A
60
min
2
min
400
ms
10
sec
150
ms
3
sec
20
ms
150
ms
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Base and Cover: Black
thermoplastic, UL 94-V0
Round Pins: Tin Plated
Copper
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
MMT .050
50mA
250V*1
8.9000
550
0.0225
MMT .063
63mA
5.4053
480
0.0446
MMT .080
80mA
3.6870
400
0.0634
MMT .100
100mA
2.4063
350
0.1080
MMT .125
125mA
1.6194
300
0.1223
MMT .160
160mA
1.2458
280
0.2444
MMT .200
200mA
0.8240
260
0.3060
MMT .250
250mA
0.6300
240
0.6019
MMT .315
315mA
0.3800
220
0.8216
MMT .400
400mA
0.2700
200
1.4832
MMT .500
500mA
0.1861
190
2.7000
MMT .630
630mA
0.1401
180
3.1792
MMT .800
800mA
0.0982
160
5.7600
MMT 001
1A
0.0757
140
8.7300
MMT 1.25
1.25A
0.0550
130
9.2800
MMT 1.60
1.6A
0.0426
120
17.700
MMT 002
2A
0.0318
100
36.000
MMT 2.50
2.5A
0.0246
100
39.938
MMT 3.15
3.15A
0.0173
100
55.635
MMT 004
4A
0.0126
100
115.05
MMT 005
5A
0.0090
100
135.00
MMT 6.30
6.3A
0.0073
100
214.33
Packaging
Packaging Option
Quantity
In Bulk
1,000 pcs / box
On Tape
1,000 pcs / box
Time-Lag Fuse
2015 Taiwan Excellence Award
Recipient
* 1 : 300V/400V optional
Agency Approvals
Agency
Ampere Rating
35 amperes or 10 x rated current ; whichever is
greater at 250V AC
Recognized Component
for Canada and US
50mA - 6.3A
TUV
50mA - 6.3A
PSE
1A - 6.3A
KTL
50mA - 6.3A
CCC
50mA - 6.3A
160 amperes at 250V AC(optional)
Recognized Component
for Canada and US
50mA - 6.3A
100 amperes at 250V DC(optional)
Recognized Component
for Canada and US
50mA - 6.3A
130 amperes at 300V AC (optional)
Recognized Component
for Canada and US
50mA - 6.3A
100 amperes at 400V AC (optional)
Recognized Component
for Canada and US
50mA - 6.3A
Mechanical Dimensions (mm)
8.35±0.5
Short Leads
5.08±0.2
Ø0.62±0.1
Long Leads
MMT


Similar Part No. - MMT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MMT SAMTEC-MMT Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
MMT SAMTEC-MMT Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
logo
List of Unclassifed Man...
MMT0063J10300000000 ETC2-MMT0063J10300000000 Datasheet
194Kb / 1P
Metallized Polyester Film Capacitors
MMT0063J10400000000 ETC2-MMT0063J10400000000 Datasheet
194Kb / 1P
Metallized Polyester Film Capacitors
MMT0063J10500000000 ETC2-MMT0063J10500000000 Datasheet
194Kb / 1P
Metallized Polyester Film Capacitors
More results

Similar Description - MMT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
5.0 mm X 2.0 mm Series
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com