Electronic Components Datasheet Search
  English  ▼

X  

MET.080 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # MET.080
Description  8.35Ø x 7.7 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

MET.080 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  MET.080 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
48 |
Subminiature Fuse
Time-Lag Fuse
8.35Ø x 7.7 mm
Agency Approvals
Agency
Ampere Rating
UL Recognized
50mA - 6.3A (250V/277V)
VDE
50mA - 6.3A
CSA Acceptance
50mA - 6.3A
TUV
8A / 10A
PSE
1A - 10A (250V/277V)
KTL
50mA - 6.3A
CCC
50mA - 6.3A
Electrical Characteristics
Ampere
Rating
Opening Time
1.5 ln 2.1 ln
2.75 ln
4 ln
10 In
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
50mA - 6.3A
60
min
2
min
400
ms
10
sec
150
ms
3
sec
20
ms
150
ms
8A - 10A
60
min
5
min
1
sec
20
sec
150
ms
3
sec
20
ms
150
ms
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
MET .050
50mA
250V*1
8.9000
550
0.0225
MET .063
63mA
5.4053
480
0.0446
MET .080
80mA
3.6870
400
0.0634
MET .100
100mA
2.4063
350
0.1080
MET .125
125mA
1.6194
300
0.1223
MET .160
160mA
1.2458
280
0.1700
MET .200
200mA
0.8240
260
0.3060
MET .250
250mA
0.6300
240
0.6019
MET .315
315mA
0.3800
220
0.8216
MET .400
400mA
0.2700
200
1.4832
MET .500
500mA
0.1950
190
2.7000
MET .630
630mA
0.1322
180
3.1792
MET .800
800mA
0.0907
160
5.7600
MET 001
1A
0.0750
140
8.7300
MET 1.25
1.25A
0.0550
130
14.766
MET 1.60
1.6A
0.0425
120
23.040
MET 002
2A
0.0316
100
36.000
MET 2.50
2.5A
0.0241
100
56.250
MET 3.15
3.15A
0.0188
100
93.768
MET 004
4A
0.0136
100
158.40
MET 005
5A
0.0100
100
202.50
MET 6.30
6.3A
0.0074
100
310.77
MET 008
8A
0.0057
80
155.52
MET 010
10A
0.0034
75
360.00
* 1 : 277V Optional
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Base and Cover: Black
thermoplastic, UL 94-V0
Round Pins: Tin Plated
Copper
Packaging
Packaging Option
Quantity
In Bulk
1,000 pcs / box
On Tape
1,000 pcs / box
Interrupting Rating
35 amperes or 10 x rated current; whichever is
greater at 250V AC.
35 amperes or 10 x rated current; whichever is
greater at 277V AC. (Optional)
MET
Mechanical Dimensions (mm)
Ø8.35±0.2
Short Leads
5.08±0.2
Ø0.62±0.1
Long Leads
MET


Similar Part No. - MET.080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MET-01 ETC2-MET-01 Datasheet
131Kb / 1P
Ultra Wideband Audio Transformers
MET-05 ETC2-MET-05 Datasheet
131Kb / 1P
Ultra Wideband Audio Transformers
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
Audio Coupling Miniature Encapsulated Transformer
logo
List of Unclassifed Man...
MET-09 ETC2-MET-09 Datasheet
131Kb / 1P
Ultra Wideband Audio Transformers
MET-11 ETC2-MET-11 Datasheet
131Kb / 1P
Ultra Wideband Audio Transformers
More results

Similar Description - MET.080

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC39V7785A MITSUBISHI-MGFC39V7785A Datasheet
101Kb / 2P
7.7 - 8.5GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC40V7785 MITSUBISHI-MGFC40V7785 Datasheet
82Kb / 2P
7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC40V7785A MITSUBISHI-MGFC40V7785A Datasheet
101Kb / 2P
7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC40V7785B MITSUBISHI-MGFC40V7785B Datasheet
101Kb / 2P
7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC42V7785A MITSUBISHI-MGFC42V7785A Datasheet
104Kb / 2P
7.7- 8.5GHz BAND 16W INTERNALLY MATCHED GaAs FET
logo
Allegro MicroSystems
8178 ALLEGRO-8178 Datasheet
49Kb / 4P
LOW-DROPOUT, 7.7 V PREREGULATOR
April 5, 1996
logo
Mitsubishi Electric Sem...
MGFC36V7785A MITSUBISHI-MGFC36V7785A_04 Datasheet
184Kb / 2P
7.7 ~ 8.5GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC42V7785A MITSUBISHI-MGFC42V7785A_04 Datasheet
210Kb / 2P
7.7 ~ 8.5GHz BAND 16W INTERNALLY MATCHED GaAs FET
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com