Electronic Components Datasheet Search
  English  ▼

X  

MST Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # MST
Description  8.35 x 4.3 x 7.7 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

MST Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  MST Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature Fuse | 51
Ampere
Rating
Opening Time
1.5 ln 2.1 ln
2.75 ln
4 ln
10 In
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
50mA - 6.3A 60 min 2 min 400 ms 10 sec 150 ms 3 sec 20 ms 150 ms
8A - 10A
60min 5 min 1 sec 20 sec 150 ms 3sec 20 ms 150 ms
MST
8.35 x 4.3 x 7.7 mm
Agency Approvals
Agency
Ampere Rating
35 amperes or 10 x rated current ; whichever is
greater at 250V AC
UL Recognized
50mA - 10A
VDE
50mA - 6.3A
CSA Acceptance
50mA - 6.3A
TUV
50mA - 10A
PSE
1A - 10A
KTL
50mA - 6.3A
CCC
50mA - 10A
SEMKO
63mA - 10A
130 amperes at 250V AC(optional)
Recognized Component
for Canada and US
50mA - 10A
TUV
50mA - 10A
PSE
1A - 10A
KTL
500mA - 6.3A
CQC
500mA - 10A
50 amperes at 300V AC(optional)
Recognized Component
for Canada and US
50mA - 10A
TUV
50mA - 10A
PSE
1A - 10A
100 amperes at 400V AC (optional)
Recognized Component
for Canada and US
50mA - 10A
100 amperes at 250V DC (optional)
Recognized Component
for Canada and US
50mA - 10A
TUV
50mA - 10A
Electrical Characteristics
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Base and Cover: Black
thermoplastic, UL 94-V0
Round Pins: Tin Plated
Copper
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
MST .050
50mA
250V*1
8.9000
550
0.0225
MST .063
63mA
5.4053
480
0.0446
MST .080
80mA
3.6870
400
0.0760
MST .100
100mA
2.4063
350
0.1080
MST .125
125mA
1.6194
300
0.1223
MST .160
160mA
1.2458
280
0.1700
MST .200
200mA
0.8240
260
0.3060
MST .250
250mA
0.6300
240
0.6019
MST .315
315mA
0.3800
220
0.8216
MST .400
400mA
0.2700
200
1.4832
MST .500
500mA
0.1950
190
2.7000
MST .630
630mA
0.1322
180
3.1792
MST .800
800mA
0.0907
160
5.7600
MST 001
1A
0.0750
140
8.7300
MST 1.25
1.25A
0.0550
130
14.766
MST 1.60
1.6A
0.0425
120
23.040
MST 002
2A
0.0316
100
36.000
MST 2.50
2.5A
0.0241
100
56.250
MST 3.15
3.15A
0.0188
100
93.768
MST 004
4A
0.0136
100
158.40
MST 005
5A
0.0100
100
202.50
MST 6.30
6.3A
0.0074
100
310.77
MST 008
8A
0.0057
80
368.64
MST 010
10A
0.0034
75
400.00
* 1 : 300V/400V optional
Time-Lag Fuse
The best-selling fuse of its kind the
world
Packaging
Packaging Option
Quantity
In Bulk
1,000 pcs / box
On Tape
1,000 pcs / box
Mechanical Dimensions (mm)
Short Leads
5.08±0.2
8.35±0.5
Ø0.62±0.1
Long Leads
MST


Similar Part No. - MST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MST MACOM-MST Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
logo
Eaton All Rights Reserv...
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
logo
HellermannTyton.
MST HELLERMANNTYTON-MST Datasheet
151Kb / 3P
Cable Ties and Fixings
September 2022
logo
List of Unclassifed Man...
MST-1 ETC2-MST-1 Datasheet
739Kb / 16P
MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
logo
Adam Technologies, Inc.
MST-G ADAM-TECH-MST-G Datasheet
88Kb / 1P
MINI SHUNT OPEN TOP HEIGHT
More results

Similar Description - MST

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
WAGO Kontakttechnik Gmb...
762-4301-8000-002 WAGO-762-4301-8000-002 Datasheet
284Kb / 7P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET, 2 x USB
762-4201-8000-001 WAGO-762-4201-8000-001 Datasheet
263Kb / 6P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET
762-4101 WAGO-762-4101 Datasheet
247Kb / 5P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x USB, 2 x ETHERNET;
762-3000 WAGO-762-3000 Datasheet
384Kb / 6P
Web Panel; 10.9 cm (4.3"); 480 x 272 pixels; 2 x USB, 2 x ETHERNET
762-6201-8000-001 WAGO-762-6201-8000-001 Datasheet
251Kb / 6P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET, 2 x USB
762-6301-8000-002 WAGO-762-6301-8000-002 Datasheet
267Kb / 6P
Touch Panel 600; 10.9 cm (4.3"); 480 x 272 pixels; 2 x ETHERNET, 2 x USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com