Electronic Components Datasheet Search
  English  ▼

X  

PBU Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # PBU
Description  3.6Ø x 10 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

PBU Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  PBU Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature Fuse | 45
3.6Ø x 10 mm
Agency Approvals
Electrical Characteristics
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Caps: Nickel Plated Brass
Leads Wire
Ø0.6 mm 4A and less.
Ø0.8 mm 5A and 6.3A
Fast-Acting Fuse
Packaging
Packaging Option
Quantity
Bulk
500 pcs / box
On Axial Tape & Reel
1,500 pcs / box
Interrupting Rating
35 amperes or 10 x rated current; whichever is
greater at 250V AC.
Agency
Ampere Rating
UL Recognized
500mA - 6.3A
VDE
500mA - 6.3A
CSA Acceptance
500mA - 6.3A
KTL
500mA - 6.3A
CCC
1A - 6.3A
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
PBU .500
500mA
250V
0.1270
350
0.1519
PBU .630
630mA
0.1150
320
0.1598
PBU .800
800mA
0.0940
300
0.2880
PBU 001
1A
0.0660
280
0.4572
PBU 1.25
1.25A
0.0470
280
0.8314
PBU 1.60
1.6A
0.0410
250
1.1354
PBU 002
2A
0.0310
240
1.8972
PBU 2.50
2.5A
0.0240
200
3.5370
PBU 3.15
3.15A
0.0160
180
6.3265
PBU 004
4A
0.0130
160
9.9302
PBU 005
5A
0.0110
150
15.131
PBU 6.30
6.3A
0.0070
150
44.922
Ampere
Rating
Opening Time
1.5 ln
2.1 ln
2.75 ln
4 ln
10 In
MIN
MAX
MIN
MAX
MIN
MAX
MAX
500mA - 5A
60 min 30 min 10 ms
3 sec
3 ms
300 ms 20 ms
6.3A
60 min 30 min 50 ms 10 sec
5 ms
400 ms 20 ms
PBU
Mechanical Dimensions (mm)
11.0±0.75
30.0±2.0
PBU


Similar Part No. - PBU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBU 321 ETC-PBU 321 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
PBU 322 ETC-PBU 322 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
PBU 441 ETC-PBU 441 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
Product/Process Bulletin Update
PBU-092116-AGA KEMET-PBU-092116-AGA Datasheet
228Kb / 2P
Aximax Axial Leaded MLCCs
More results

Similar Description - PBU

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
logo
Schurter Inc.
PSC125V SCHURTER-PSC125V Datasheet
261Kb / 2P
Subminiature Fuse, 10 x 10 mm, 125 VAC, 125 VDC
logo
GREATECS
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
I606 ILSI-I606 Datasheet
50Kb / 2P
10 mm x 14 mm, FR-4 SMD VCXO, LVPECL / LVDS
logo
Knowles Electronics
2403-260-00041 KNOWLES-2403-260-00041 Datasheet
542Kb / 19P
RA RECEIVER 10 X 4.8 X 2 MM WITH MESH
logo
Schneider Electric
XGFEC2525 SCHNEIDER-XGFEC2525 Datasheet
131Kb / 5P
field expander universal type - Sn 26..150 mm - 250 x 250 x 10 mm
Jan 7, 2021
logo
Schurter Inc.
PSC125V SCHURTER-PSC125V_V01 Datasheet
190Kb / 3P
Subminiature Fuse, 10 x 10 mm, 125 VAC, 125 VDC
logo
Eaton All Rights Reserv...
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com